Zakładka z wyszukiwarką danych komponentów |
|
2N4126 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
2N4126 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 6 page 2N4126 MMBT4126 PNP General Purpose Amplifier This device is designed for general purpose amplifier and switch- ing applications at collector currents to 10 µA as a switch and to 100 mA as an amplifier. Absolute Maximum Ratings* TA = 25°C unless otherwise noted *These ratings are limiting values above which the serviceability of any semiconductor device may be impaired. Thermal Characteristics TA= 25°C unless otherwise noted *Device mounted on FR-4 PCB 1.6" X 1.6" X 0.06." Symbol Parameter Value Units VCEO Collector-Emitter Voltage 25 V VCBO Collector-Base Voltage 25 V VEBO Emitter-Base Voltage 4.0 V IC Collector Current - Continuous 200 mA TJ, Tstg Operating and Storage Junction Temperature Range -55 to +150 °C Symbol Characteristic Max Units 2N4126 *MMBT4126 PD Total Device Dissipation Derate above 25 °C 625 5.0 350 2.8 mW mW/ °C RθJC Thermal Resistance, Junction to Case 83.3 °C/W RθJA Thermal Resistance, Junction to Ambient 200 357 °C/W C B E TO-92 C B E SOT-23 Mark: ZF 2001 Fairchild Semiconductor Corporation NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. 3) All voltages (V) and currents (A) are negative polarity for PNP transistors. 2N4126/MMBT4126, Rev A |
Podobny numer części - 2N4126 |
|
Podobny opis - 2N4126 |