Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM42BDS6408HD4I Arkusz danych(PDF) 3 Page - SPANSION

Numer części AM42BDS6408HD4I
Szczegółowy opis  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SPANSION [SPANSION]
Strona internetowa  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS6408HD4I Arkusz danych(HTML) 3 Page - SPANSION

  AM42BDS6408HD4I Datasheet HTML 1Page - SPANSION AM42BDS6408HD4I Datasheet HTML 2Page - SPANSION AM42BDS6408HD4I Datasheet HTML 3Page - SPANSION AM42BDS6408HD4I Datasheet HTML 4Page - SPANSION AM42BDS6408HD4I Datasheet HTML 5Page - SPANSION AM42BDS6408HD4I Datasheet HTML 6Page - SPANSION AM42BDS6408HD4I Datasheet HTML 7Page - SPANSION AM42BDS6408HD4I Datasheet HTML 8Page - SPANSION AM42BDS6408HD4I Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. Do not design in this product without contacting the factory. AMD re-
serves the right to change or discontinue work on this proposed product without notice.
Publication# 30491
Rev: A Amendment:+3
Issue Date: October 23, 2003
Refer to AMD’s Website (www.amd.com) for the latest information.
Am42BDS6408H
Am29BDS640H 64 Megabit (4 M x 16-Bit)
Stacked MultiChip Package (MCP) Flash Memory and SRAM
CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash
Memory, and 8 Mbit (512 K x 16-Bit) SRAM
FLASH DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single 1.8 volt read, program and erase (1.65 to 1.95
volt)
■ Manufactured on 0.13 µm process technology
■ VersatileIO™ (VIO) Feature
— Device generates data output voltages and tolerates
data input voltages as determined by the voltage on
the VIO pin
— 1.8V compatible I/O signals
— Contact factory for availability of 1.5V compatible I/O
signals
Simultaneous Read/Write operation
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
— Four bank architecture: 8Mb/24Mb/24Mb/8Mb
Programable Burst Interface
— 2 Modes of Burst Read Operation
— Linear Burst: 8, 16, and 32 words with
wrap-around
— Continuous Sequential Burst
SecSiTM (Secured Silicon) Sector region
— Up to 128 words accessible through a command
sequence
— Up to 64 factory-locked words
— Up to 64 customer-lockable words
Sector Architecture
— Sixteen 4 Kword sectors and one hundred twenty-six
32 Kword sectors
— Banks A and D each contain eight 4 Kword sectors
and fifteen 32 Kword sectors; Banks B and C each
contain forty-eight 32 Kword sectors
— Sixteen 4 Kword boot sectors: eight at the top of the
address range and eight at the bottom of the address
range
■ Minimum 1 million erase cycle guarantee per sector
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
■ 89-ball FBGA package
PERFORMANCE CHARCTERISTICS
Read access times at 66/54 MHz (CL=30 pF)
— Burst access times of 11/13.5 ns at industrial
temperature range
— Synchronous latency of 56/69 ns
— Asynchronous random access times of 45/50/55 ns
■ Power dissipation (typical values, CL = 30 pF)
— Burst Mode Read: 10 mA
— Simultaneous Operation: 25 mA
— Program/Erase: 15 mA
— Standby mode: 0.2 µA
HARDWARE FEATURES
■ Handshaking feature
— Provides host system with minimum possible latency
by monitoring RDY
— Reduced Wait-state handshaking option further
reduces initial access cycles required for burst
accesses beginning on even addresses
■ Hardware reset input (RESET#)
— Hardware method to reset the device for reading array
data
■ WP# input
— Write protect (WP#) function allows protection of the
four highest and four lowest 4 kWord boot sectors,
regardless of sector protect status
■ Persistent Sector Protection
— A command sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector
— Sectors can be locked and unlocked in-system at VCC
level
■ Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector using a user-defined 64-bit password
■ ACC input: Acceleration function reduces
programming time; all sectors locked when ACC =
VIL


Podobny numer części - AM42BDS6408HD4I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM42BDS640AG AMD-AM42BDS640AG Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
SPANSION
AM42BDS640AGBC8IS SPANSION-AM42BDS640AGBC8IS Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
AM42BDS640AGBC8IS AMD-AM42BDS640AGBC8IS Datasheet
995Kb / 72P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
SPANSION
AM42BDS640AGBC8IT SPANSION-AM42BDS640AGBC8IT Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

Podobny opis - AM42BDS6408HD4I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com