Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1458 Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części MC1458
Szczegółowy opis  General purpose operational amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC1458 Arkusz danych(HTML) 1 Page - NXP Semiconductors

  MC1458 Datasheet HTML 1Page - NXP Semiconductors MC1458 Datasheet HTML 2Page - NXP Semiconductors MC1458 Datasheet HTML 3Page - NXP Semiconductors MC1458 Datasheet HTML 4Page - NXP Semiconductors MC1458 Datasheet HTML 5Page - NXP Semiconductors MC1458 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
MC/SA1458/MC1558
General purpose operational amplifier
59
August 31, 1994
853-1062 13721
DESCRIPTION
The MC1458 is a high-performance operational amplifier with high
open-loop gain, internal compensation, high common-mode range
and exceptional temperature stability. The MC1458 is short-circuit
protected.
The MC1458/SA1458/MC1558 consists of a pair of 741 operational
amplifiers on a single chip.
FEATURES
Internal frequency compensation
Short-circuit protection
Excellent temperature stability
High input voltage range
No latch-up
1558/1458 are 2 “op amps” in space of one 741 package
PIN CONFIGURATION
1
2
3
4
5
6
7
8
– +
+ –
A
B
V+
OUTPUT B
INVERTING INPUT B
NON -INVERTING INPUT B
OUTPUT A
INVERTING INPUT A
NON -INVERTING INPUT A
V–
D, N Packages
TOP VIEW
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Small Outline (SO) Package
0 to +70
°C
MC1458D
0174C
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
MC1458N
0404B
8-Pin Plastic Small Outline (SO) Package
-40
°C to +85°C
SA1458D
0174C
8-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +85°C
SA1458N
0404B
8-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
MC1558N
0404B
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Supply voltage
MC1458
±18
V
SA1458
±18
V
MC1558
±22
V
TJ
Junction temperature
+150
°C
PD MAX
Maximum power dissipation,
TA=25°C (still-air)1
N package
1160
mW
D package
780
mW
VDIFF
Differential input voltage
±30
V
VIN
Input voltage2
±15
V
Output short-circuit duration
Continuous
TA
Operating ambient temperature range
MC1458
0 to +70
°C
SA1458
-40 to +85
°C
MC1558
-55 to +125
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1. The following derating factors should be applied above 25
°C; N package at 9.3mW/°C; D package at 6.2mW/°C
2. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.


Podobny numer części - MC1458

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1458 ONSEMI-MC1458 Datasheet
126Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
1996 REV 1
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
102Kb / 6P
   DUAL OPERATIONAL AMPLIFIERS
December 2001
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC1458 UTC-MC1458 Datasheet
146Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

Podobny opis - MC1458

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
   General Purpose Operational Amplifier
logo
NXP Semiconductors
MA741 PHILIPS-MA741 Datasheet
102Kb / 7P
   General purpose operational amplifier
1994 Aug 31
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
   GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
   General - Purpose Operational Amplifier
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
   GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
[Old version datasheet]   FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
   Dual General Purpose Operational Amplifier
logo
NXP Semiconductors
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
   Dual general-purpose operational amplifier
August 31, 1994
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com