Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145406D Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części MC145406D
Szczegółowy opis  EIA-232-D/V.28 driver/receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MC145406D Arkusz danych(HTML) 4 Page - NXP Semiconductors

  MC145406D Datasheet HTML 1Page - NXP Semiconductors MC145406D Datasheet HTML 2Page - NXP Semiconductors MC145406D Datasheet HTML 3Page - NXP Semiconductors MC145406D Datasheet HTML 4Page - NXP Semiconductors MC145406D Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
MC145406
EIA-232-D/V.28 driver/receiver
August 31, 1994
470
DRIVER ELECTRICAL CHARACTERISTICS
Typical values are at TA = 0 to 70°C; GND = 0V; VCC = +5V +5%, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VIL
Digital input voltage
DI1-3
Logic 0
0.8
V
VIH
Digital input voltage
DI1-3
Logic 1
2.0
V
IIN
Input current
DI1-3
VDI1-3 = VCC
+1.0
µA
VOH
Output high voltage
TX1-3
VDI1-3 = Logic 0, RL = 3.0kΩ
VDD = +5.0V, VSS = -5.0V
3.5
4.1
V
VOH
Output high voltage
TX1-3
VDI1-3 = Logic 0, RL = 3.0kΩ
VDD = +6.0V, VSS = -6.0V
4.3
5.0
V
VDI1-3 = Logic 0, RL = 3.0kΩ
VDD = +12.0V, VSS = -12.0V
9.2
10.4
VOL
Output low voltage1
TX1-3
VDI1-3 = Logic 0, RL = 3.0kΩ
VDD = +5.0V, VSS = -5.0V
-4.0
-4.3
V
VOL
Output low voltage1
TX1-3
VDI1-3 = Logic 0, RL = 3.0kΩ
VDD = +6.0V, VSS = -6.0V
-4.5
-5.2
V
VDI1-3 = Logic 0, RL = 3.0kΩ
VDD = +12.0V, VSS = -12.0V
-10.0
-10.3
Off source resistance
TX1-3
Figure 1
VDD=VSS=GND=0V, VTX1-3 = +2.0V
300
ISC
Output short-circuit current
TX1-3
TX1-3 shorted to GND2
+22
+60
mA
VDD = +12.0V, VSS = -12.0V
TX1-3 shorted to +15.0V3
+60
+100
mA
NOTE:
1. The voltage specifications are in terms of absolute values.
2. Specification is for one TX output pin to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dis-
sipation limits will be exceeded.
3. This condition could exceed package limitations.
SWITCHING CHARACTERISTICS
Typical values are at TA = 0 to 70°C; VCC = +5V +5%, unless otherwise specified. (See Figures 2 and 3)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drivers
tPLH
Propagation delay time
TX1-3
Low-to-High RL = 3kΩ, CL = 50pF
300
500
ns
tPHL
Propagation delay time
TX1-3
High-to-Low RL = 3kΩ, CL = 50pF
300
500
ns
SR
Output slew rate
TX1-3
(minimum load)
RL = 7kΩ, CL = 0pF,
VDD = 6 to 12.0V, VSS = -6 to -12V
+6
+30
V/
µs
SR
Output slew rate
TX1-3
(maximum load)
RL = 3kΩ, CL = 2500pF,
VDD = 12V, VSS = -12V
+3.0
V/
µs
Receivers (CL = 50pF)
tPLH
Propagation delay time
DO1-3
Low-to-High
150
425
ns
tPHL
Propagation delay time
DO1-3
High-to-Low
150
425
ns
tR
Output rise time
DO1-3
120
400
ns
tF
Output fall time
DO1-3
40
100
ns


Podobny numer części - MC145406D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145406DW LANSDALE-MC145406DW Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
MC145406DW LANSDALE-MC145406DW Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
More results

Podobny opis - MC145406D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145407 LANSDALE-ML145407 Datasheet
679Kb / 8P
   5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Texas Instruments
SN75LBC187 TI-SN75LBC187 Datasheet
126Kb / 8P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
logo
Texas Instruments
SN75LBC187 TI1-SN75LBC187_08 Datasheet
349Kb / 12P
[Old version datasheet]   MULTICHANNEL EIA-232 DRIVER/RECEIVER WITH CHARGE PUMP
logo
National Semiconductor ...
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
   Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
LANSDALE Semiconductor ...
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com