Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT244CSJ Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części 74ABT244CSJ
Szczegółowy opis  Octal Buffer/Line Driver with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT244CSJ Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ABT244CSJ Datasheet HTML 3Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 4Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 5Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 6Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 7Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 8Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 9Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 10Page - Fairchild Semiconductor 74ABT244CSJ Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT244 Rev. 1.4
7
Skew
Notes:
12. Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate
outputs of the same device. The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH
(tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-to-LOW (tOST). The specification is guaranteed
but not tested.
13. Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device.
This specification is guaranteed but not tested.
14. This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.)
15. These specifications guaranteed but not tested. The limits represent propagation delays with 250pF load capacitors
in place of the 50pF load capacitors in the standard AC load.
16. This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same
pin. It is measured across all the outputs (drivers) on the same chip, the worst (largest delta) number is the
guaranteed specification. This specification is guaranteed but not tested.
Capacitance
Note:
17. COUT is measured at frequency f = 1MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = –40°C to +85°C,
VCC = 4.5V–5.5V,
CL = 50pF,
8 Outputs Switching(14)
TA = –40°C to +85°C,
VCC = 4.5V–5.5V,
CL = 250pF,
8 Outputs Switching(15)
Units
Max.
Max.
tOSHL
(12)
Pin to Pin Skew,
HL Transitions
0.8
1.8
ns
tOSLH
(12)
Pin to Pin Skew,
LH Transitions
0.8
1.8
ns
tPS
(16)
Duty Cycle, LH–HL Skew
1.0
2.5
ns
tOST
(12)
Pin to Pin Skew,
LH/HL Transitions
1.0
2.5
ns
tPV
(13)
Device to Device Skew,
LH/HL Transitions
1.5
3.0
ns
Symbol
Parameter
Conditions
TA = 25°C
Typ.
Units
CIN
Input Capacitance
VCC = 0V
5.0
pF
COUT
(17)
Output Capacitance
VCC = 5.0V
9.0
pF


Podobny numer części - 74ABT244CSJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ABT244CSJ FAIRCHILD-74ABT244CSJ Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CSJX FAIRCHILD-74ABT244CSJX Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Podobny opis - 74ABT244CSJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com