Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT374CSCX_NL Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74ABT374CSCX_NL
Szczegółowy opis  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT374CSCX_NL Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74ABT374CSCX_NL Datasheet HTML 1Page - Fairchild Semiconductor 74ABT374CSCX_NL Datasheet HTML 2Page - Fairchild Semiconductor 74ABT374CSCX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74ABT374CSCX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74ABT374CSCX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74ABT374CSCX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74ABT374CSCX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74ABT374CSCX_NL Datasheet HTML 8Page - Fairchild Semiconductor 74ABT374CSCX_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT374 Rev. 1.4
2
Connection Diagram
Pin Descriptions
Functional Description
The ABT374 consists of eight edge-triggered flip-flops
with individual D-type inputs and 3-STATE true outputs.
The buffered clock and buffered Output Enable are com-
mon to all flip-flops. The eight flip-flops will store the
state of their individual D inputs that meet the setup and
hold time requirements on the LOW-to-HIGH Clock (CP)
transition. With the Output Enable (OE) LOW, the con-
tents of the eight flip-flops are available at the outputs.
When OE is HIGH, the outputs are in a high impedance
state. Operation of the OE input does not affect the state
of the flip-flops.
Function Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
= LOW-to-HIGH Transition
NC
= No Change
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to
estimate propagation delays.
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input (Active Rising Edge)
OE
3-STATE Output Enable Input
(Active LOW)
O0–O7
3-STATE Outputs
Inputs
Internal Outputs
Function
OE CP
D
Q
O
H
H
L
NC
Z
Hold
H
H
H
NC
Z
Hold
H
L
L
Z
Load
H
H
H
Z
Load
L
L
L
L
Data Available
L
H
H
H
Data Available
L
H
L
NC
NC
No Change in
Data
L
H
H
NC
NC
No Change in
Data


Podobny numer części - 74ABT374CSCX_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ABT374 FAIRCHILD-74ABT374 Datasheet
133Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
74ABT374A PHILIPS-74ABT374A Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AD PHILIPS-74ABT374AD Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374ADB PHILIPS-74ABT374ADB Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AN PHILIPS-74ABT374AN Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

Podobny opis - 74ABT374CSCX_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com