Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT573CSC Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74ABT573CSC
Szczegółowy opis  Octal D-Type Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573CSC Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74ABT573CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573CSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT573 Rev. 1.4
4
DC Electrical Characteristics
Notes:
3. For 8-bits toggling, ICCD < 0.8mA/MHz.
4. Guaranteed but not tested.
Symbol
Parameter
VCC
Conditions
Min.
Typ. Max. Units
VIH
Input HIGH Voltage
Recognized HIGH Signal
2.0
V
VIL
Input LOW Voltage
Recognized LOW Signal
0.8
V
VCD
Input Clamp Diode Voltage
Min.
IIN = –18mA
–1.2
V
VOH
Output HIGH Voltage
Min.
IOH = –3mA
2.5
V
IOH = –32mA
2.0
VOL
Output LOW Voltage
Min.
IOL = 64mA
0.55
V
IIH
Input HIGH Current
Max.
VIN = 2.7V
(4)
1µA
VIN = VCC
1
IBVI
Input HIGH Current Breakdown
Test
Max.
VIN = 7.0V
7
µA
IIL
Input LOW Current
Max.
VIN = 0.5V
(4)
–1
µA
VIN = 0.0V
–1
VID
Input Leakage Test
0.0
IID = 1.9 µA, All Other Pins
Grounded
4.75
V
IOZH
Output Leakage Current
0–5.5V VOUT = 2.7V, OE = 2.0V
10
µA
IOZL
Output Leakage Current
0–5.5V VOUT = 0.5V, OE = 2.0V
–10
µA
IOS
Output Short-Circuit Current
Max.
VOUT = 0.0V
–100
–275
mA
ICEX
Output HIGH Leakage Current
Max.
VOUT = VCC
50
µA
IZZ
Bus Drainage Test
0.0
VOUT = 5.5V, All Others GND
100
µA
ICCH
Power Supply Current
Max.
All Outputs HIGH
50
µA
ICCL
Power Supply Current
Max.
All Outputs LOW
30
mA
ICCZ
Power Supply Current
Max.
OE
= VCC, All Others at VCC
or GND
50
µA
ICCT
Additional
ICC/Input
Outputs Enabled
Max.
VI = VCC – 2.1V
2.5
mA
Outputs 3-STATE
Enable Input VI = VCC – 2.1V
2.5
mA
Outputs 3-STATE
Data Input VI = VCC – 2.1V,
All Others at VCC or GND
2.5
mA
ICCD
Dynamic ICC No Load
(4)
Max.
Outputs Open, OE
= GND,
LE
= VCC(3), One-Bit Toggling,
50% Duty Cycle
0.12
mA/
MHz


Podobny numer części - 74ABT573CSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ABT573CSC FAIRCHILD-74ABT573CSC Datasheet
131Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
74ABT573CSCX_NL FAIRCHILD-74ABT573CSCX_NL Datasheet
131Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
More results

Podobny opis - 74ABT573CSC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com