Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ABT573CSCX_NL Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części 74ABT573CSCX_NL
Szczegółowy opis  Octal D-Type Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573CSCX_NL Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ABT573CSCX_NL Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 9Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 10Page - Fairchild Semiconductor 74ABT573CSCX_NL Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT573 Rev. 1.4
7
Skew(12)
SOIC package.
Notes:
12. This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.)
13. This specification is guaranteed but not tested. The limits represent propagation delays with 250pF load capacitors
in place of the 50pF load capacitors in the standard AC load.
14. Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate
outputs of the same device. The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH
(tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-to-LOW (tOST). This specification is guaranteed
but not tested.
15. This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same
pin. It is measured across all the outputs (drivers) on the same chip, the worst (largest delta) number is the
guaranteed specification. This specification is guaranteed but not tested.
16. Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This
specification is guaranteed but not tested.
Capacitance
Note:
17. COUT is measured at frequency f = 1MHz per MIL-STD-883B, Method 3012.
Symbol
Parameter
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF,
8 Outputs
Switching(12)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF,
8 Outputs
Switching(13)
Units
Max.
Max.
tOSHL
(14)
Pin to Pin Skew, HL Transitions
1.0
1.5
ns
tOSLH
(14)
Pin to Pin Skew, LH Transitions
1.0
1.5
ns
tPS
(15)
Duty Cycle, LH–HL Skew
1.4
3.5
ns
tOST
(14)
Pin to Pin Skew, LH/HL Transitions
1.5
3.9
ns
tPV
(16)
Device to Device Skew LH/HL
Transitions
2.0
4.0
ns
Symbol
Parameter
Conditions
(TA = 25°C)
Typ.
Units
CIN
Input Capacitance
VCC = 0V
5
pF
COUT
(17)
Output Capacitance
VCC = 5.0V
9
pF


Podobny numer części - 74ABT573CSCX_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ABT573CSCX_NL FAIRCHILD-74ABT573CSCX_NL Datasheet
131Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
More results

Podobny opis - 74ABT573CSCX_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13