Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC520SC Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74AC520SC
Szczegółowy opis  8-Bit Identity Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC520SC Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74AC520SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC520SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC520, 74ACT520 Rev. 1.4
5
DC Electrical Characteristics for AC
Notes:
2. All outputs loaded; thresholds on input associated with output under test.
3. Maximum test duration 2.0ms, one output loaded at a time.
4. IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°C TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
2.1
2.1
V
4.5
2.25
3.15
3.15
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
0.9
0.9
V
4.5
2.25
1.35
1.35
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = –50µA
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
5.5
5.49
5.4
5.4
VIN = VIL or VIH:
3.0
IOH = –12mA
2.56
2.46
4.5
IOH = –24mA
3.86
3.76
5.5
IOH = –24mA
(2)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50µA
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
VIN = VIL or VIH:
3.0
IOL = 12mA
0.36
0.44
4.5
IOL = 24mA
0.36
0.44
5.5
IOL = 24mA
(2)
0.36
0.44
IIN
(4)
Maximum Input Leakage
Current
5.5
VI = VCC, GND,
A Inputs Only
±0.1
±1.0
µA
IIH
Maximum Input HIGH
Leakage Current
5.5
VI = VCC,
B Inputs Only
10.0
10.0
µA
IIL
Maximum Input LOW
Leakage Current
5.5
VI = VCC,
B Inputs Only
–0.3
–0.6
–1.0
mA
IOLD
Minimum Dynamic
Output Current(3)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
Maximum Quiescent
Supply Current
5.5
VIN = VCC
4.0
40.0
µA
ICC
(4)
Maximum Quiescent
Supply Current
5.5
VIN = GND
2.3
4.8
8.0
mA


Podobny numer części - 74AC520SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC520SC FAIRCHILD-74AC520SC Datasheet
80Kb / 8P
   8-Bit Identity Comparator
More results

Podobny opis - 74AC520SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com