Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACTQ02SC Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74ACTQ02SC
Szczegółowy opis  Quad 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ02SC Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74ACTQ02SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ02SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ02SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ02SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ02SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ02SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ02SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ02SC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2005 Fairchild Semiconductor Corporation
DS010889
www.fairchildsemi.com
August 1990
Revised February 2005
74ACTQ02
Quad 2-Input NOR Gate
General Description
The ACTQ02 contains four, 2-input NOR gates.
The ACTQ utilize Fairchild’s Quiet Series technology to
guarantee quiet output switching and improved dynamic
threshold performance. FACT Quiet Series
¥ features
GTO
¥ output control and undershoot corrector in addition
to a split ground bus for superior ACMOS performance.
Features
s ICC reduced by 50%
s Guaranteed simultaneous switching noise level and
dynamic threshold performance
s Improved latch-up immunity
s Outputs source/sink 24 mA
s ACTQ02 has TTL-compatible inputs
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
FACT
¥, FACT Quiet Series¥, and GTO¥ are trademarks of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
74ACTQ02SC
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74ACTQ02SJ
M14D
Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACTQ02MTC
MTC
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74ACTQ02PC
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs


Podobny numer części - 74ACTQ02SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ02SC FAIRCHILD-74ACTQ02SC Datasheet
80Kb / 7P
   Quad 2-Input NOR Gate
More results

Podobny opis - 74ACTQ02SC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com