Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACTQ04 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74ACTQ04
Szczegółowy opis  Quiet Series Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ04 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74ACTQ04 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ04 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ04 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ04 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ04 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ04 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ04 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ04 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which dam-
age to the device may occur. The databook specifications should be met,
without exception, to ensure that the system design is reliable over its
power supply, temperature, and output/input loading variables. Fairchild
does not recommend operation outside of databook specifications.
DC Electrical Characteristics for ACTQ
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: DIP package.
Note 5: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
Note 6: Max number of data inputs (n) switching. (n
1) inputs switching 0V to 3V Input-under-test switching: 3V to threshold (V ILD),
0V to threshold (VIHD), f 1 MHz.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 0.5V
20 mA
VI VCC  0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC  0.5V
DC Output Diode Current (IOK)
VO 0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
r 50 mA
Storage Temperature (TSTG)
65qC to 150qC
DC Latch-up Source
or Sink Current
r 300 mA
Junction Temperature (TJ)
PDIP
140
qC
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
'V/'t)
125 mV/ns
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
Symbol
Parameter
VCC
TA 25qC
TA 40qC to 85qC
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT 0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VILor VIH
4.5
3.86
3.76
V
IOH = 24 mA
5.5
4.86
4.76
IOH = 24 mA (Note 2)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VILor VIH
4.5
0.36
0.44
V
IOL = 24 mA
5.5
0.36
0.44
IOL = 24 mA (Note 2)
IIN
Maximum Input Leakage Current
5.5
r 0.1
r 1.0
PA
VI VCC, GND
ICCT
Maximum ICC/Input
5.5
0.6
1.5
mA
VI VCC  2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 3)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
2.0
20.0
PA
VIN VCC or GND
VOLP
Quiet Output Maximum Dynamic VOL
5.0
1.1
1.5
V
Figure 1, Figure 2
(Note 4)(Note 5)
VOLV
Quiet Output Minimum Dynamic VOL
5.0
0.6
1.2
V
Figure 1, Figure 2
(Note 4)(Note 5)
VIHD
Minimum HIGH Level Dynamic Input Voltage
5.0
1.9
2.2
V
(Note 4)(Note 6)
VILD
Maximum LOW Level Dynamic Input Voltage
5.0
1.2
0.8
V
(Note 4)(Note 6)


Podobny numer części - 74ACTQ04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04 Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04 Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
74ACTQ04MTC FAIRCHILD-74ACTQ04MTC Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
74ACTQ04PC FAIRCHILD-74ACTQ04PC Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04SC FAIRCHILD-74ACTQ04SC Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
More results

Podobny opis - 74ACTQ04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACTQ04 NSC-54ACTQ04 Datasheet
106Kb / 5P
   Quiet Series Hex Inverter
logo
Fairchild Semiconductor
74ACTQ04 FAIRCHILD-74ACTQ04 Datasheet
81Kb / 7P
   Quiet Series?? Hex Inverter
74ACTQ04 FAIRCHILD-74ACTQ04_07 Datasheet
240Kb / 9P
   Quiet Series??Hex Inverter
logo
National Semiconductor ...
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Fairchild Semiconductor
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com