Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA3200DEK5AX Arkusz danych(PDF) 6 Page - Advanced Micro Devices

Numer części ADA3200DEK5AX
Szczegółowy opis  AMD Athlon??64 Processor Power and Thermal Data Sheet
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DEK5AX Arkusz danych(HTML) 6 Page - Advanced Micro Devices

Back Button ADA3200DEK5AX Datasheet HTML 2Page - Advanced Micro Devices ADA3200DEK5AX Datasheet HTML 3Page - Advanced Micro Devices ADA3200DEK5AX Datasheet HTML 4Page - Advanced Micro Devices ADA3200DEK5AX Datasheet HTML 5Page - Advanced Micro Devices ADA3200DEK5AX Datasheet HTML 6Page - Advanced Micro Devices ADA3200DEK5AX Datasheet HTML 7Page - Advanced Micro Devices ADA3200DEK5AX Datasheet HTML 8Page - Advanced Micro Devices ADA3200DEK5AX Datasheet HTML 9Page - Advanced Micro Devices ADA3200DEK5AX Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
6
List of Tables
Table 36: AMD Turion™ 64 Mobile Technology Thermal/Power Specifications . . . . . . . . . . . . . .81
Table 37: AMD Athlon™ 64 X2 Dual Core Processor Part Definition Options . . . . . . . . . . . . . . . .84
Table 38: AMD Athlon™ 64 X2 Dual Core Processor L2 Cache Size Options . . . . . . . . . . . . . . . .84
Table 39: AMD Athlon™ 64 X2 Dual Core Processor Temperature Options . . . . . . . . . . . . . . . . . .85
Table 40: AMD Athlon™ 64 X2 Dual Core Processor Operating Voltage . . . . . . . . . . . . . . . . . . . .85
Table 41: AMD Athlon™ 64 X2 Dual Core Processor Package Options . . . . . . . . . . . . . . . . . . . . .85
Table 42: AMD Athlon™ 64 X2 Dual Core Processor Model Number Options . . . . . . . . . . . . . . . .85
Table 43: AMD Athlon™ 64 X2 Dual Core Processor Power Limit . . . . . . . . . . . . . . . . . . . . . . . . .85
Table 44: AMD Athlon™ 64 X2 Dual Core Processor Thermal Profile . . . . . . . . . . . . . . . . . . . . . .86
Table 45: AMD Athlon™ 64 X2 Dual Core Processor BIOS Specifications . . . . . . . . . . . . . . . . . .87
Table 46: AMD Athlon™ 64 X2 Dual Core Processor Thermal/Power Specifications . . . . . . . . . .91
Table 47: Composite Theoretical Performance (CTP) Calculations . . . . . . . . . . . . . . . . . . . . . . . . .95


Podobny numer części - ADA3200DEK5AX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
More results

Podobny opis - ADA3200DEK5AX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
ADA3200AEP5AP AMD-ADA3200AEP5AP Datasheet
186Kb / 24P
   AMD Athlon 64 Processor Power and Thermal Data Sheet
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com