Zakładka z wyszukiwarką danych komponentów |
|
74ALVC2245MTC Arkusz danych(PDF) 3 Page - Fairchild Semiconductor |
|
74ALVC2245MTC Arkusz danych(HTML) 3 Page - Fairchild Semiconductor |
3 / 7 page 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 3) Recommended Operating Conditions (Note 5) Note 3: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Rat- ings. The “Recommended Operating Conditions” table will define the condi- tions for actual device operation. Note 4: IO Absolute Maximum Rating must be observed. Note 5: Floating or unused control inputs must be held HIGH or LOW. DC Electrical Characteristics Supply Voltage (VCC) 0.5V to 4.6V DC Input Voltage (VI) 0.5V to 4.6V Output Voltage (VO) (Note 4) 0.5V to VCC 0.5V DC Input Diode Current (IIK) VI 0V 50 mA DC Output Diode Current (IOK) VO 0V 50 mA DC Output Source/Sink Current (IOH/IOL) r50 mA DC VCC or GND Current per Supply Pin (ICC or GND) r100 mA Storage Temperature Range (TSTG) 65qC to 150qC Power Supply Operating 1.65V to 3.6V Input Voltage 0V to VCC Output Voltage (VO)0V to VCC Free Air Operating Temperature (TA) 40qC to 85qC Minimum Input Edge Rate ( 't/'V) VIN 0.8V to 2.0V, VCC 3.0V 10 ns/V Symbol Parameter Conditions VCC Min Max Units (V) VIH HIGH Level Input Voltage 1.65 - 1.95 0.65 x VCC V 2.3 - 2.7 1.7 2.7 - 3.6 2.0 VIL LOW Level Input Voltage 1.65 - 1.95 0.35 x VCC V 2.3 - 2.7 0.7 2.7 - 3.6 0.8 VOH HIGH Level Output Voltage IOH 100 PA 1.65 - 3.6 VCC - 0.2 V A Outputs IOH 4 mA 1.65 1.2 IOH 6 mA 2.3 2.0 IOH 12 mA 2.3 1.7 2.7 2.2 3.0 2.4 IOH 24 mA 3.0 2 HIGH Level Output Voltage IOH 100 PA 1.65 - 3.6 VCC - 0.2 B Outputs IOH 2 mA 1.65 1.2 IOH 4 mA 2.3 1.9 IOH 6 mA 2.3 1.7 3.0 2.4 IOH 8 mA 2.7 2 IOH 12 mA 3.0 2 VOL LOW Level Output Voltage IOL 100 PA 1.65 - 3.6 0.2 V A Outputs IOL 4 mA 1.65 0.45 IOL 6 mA 2.3 0.4 IOL 12 mA 2.3 0.7 2.7 0.4 IOL 24 mA 3.0 0.55 LOW Level Output Voltage IOL 100 PA 1.65 - 3.6 0.2 B Outputs IOL 2 mA 1.65 0.45 IOL 4 mA 2.3 0.4 IOL 6 mA 2.3 0.55 3.0 0.55 IOL 8 mA 2.7 0.6 IOL 12 mA 3.0 0.8 II Input Leakage Current 0 d VI d 3.6V 1.65 - 3.6 r5.0 PA ICC Quiescent Supply Current VI VCC or GND, IO 0 3.6 40 PA |
Podobny numer części - 74ALVC2245MTC |
|
Podobny opis - 74ALVC2245MTC |