Zakładka z wyszukiwarką danych komponentów |
|
74LCXZ162244MEX Arkusz danych(PDF) 1 Page - Fairchild Semiconductor |
|
74LCXZ162244MEX Arkusz danych(HTML) 1 Page - Fairchild Semiconductor |
1 / 8 page © 2005 Fairchild Semiconductor Corporation DS500251 www.fairchildsemi.com September 2000 Revised June 2005 74LCXZ162244 Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26 : Series Resistors in the Outputs General Description The LCXZ162244 contains sixteen non-inverting buffers with 3-STATE outputs designed to be employed as a mem- ory and address driver, clock driver, or bus oriented trans- mitter/receiver. The device is nibble controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation. When VCC is between 0 and 1.5V, the LCXZ162244 is in the high impedance state during power up or power down. this places the outputs in the high impedance (Z) state pre- venting intermittent low impedance loading or glitching in bus oriented applications. The LCXZ162244 is designed for low voltage (2.7V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment. In addition the outputs include 26 : (nominal) series resis- tors to reduce overshoot and undershoot and are designed to sink/source 12 mA at VCC 3.0V. The LCXZ162244 is fabricated with an advanced CMOS technology to achieve high speed operation while maintain- ing CMOS low power dissipation. Features s 5V tolerant inputs and outputs s Guaranteed power up/down high impedance s Supports live insertion/withdrawal s Outputs have equivalent 26 : series resistors s 2.7V–3.6V VCC specifications provided s 5.3 ns tPD max (VCC 3.0V), 20 PA ICC max s r12 mA output drive (VCC 3.0V) s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s ESD performance: Human body model ! 2000V Machine model ! 200V Ordering Code: Note 1: Use this Order Number to receive devices in Tape and Reel. Order Number Package Package Description Number 74LCXZ162244MEA MS48A 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide [TUBES] 74LCXZ162244MEX (Note 1) MS48A 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide [TAPE and REEL] 74LCXZ162244MTD MTD48 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide [TUBES] 74LCXZ162244MTX (Note 1) MTD48 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide [TAPE and REEL] |
Podobny numer części - 74LCXZ162244MEX |
|
Podobny opis - 74LCXZ162244MEX |