Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVQ573 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74LVQ573
Szczegółowy opis  Low Voltage Octal Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ573 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74LVQ573 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 6Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed for.
Note 6: Worst case package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V; one output at GND.
Note 8: Max number of Data Inputs (n) switching. (n
− 1) inputs switching 0V to 3.3V. Input-under-test switching: 3.3V to threshold (V
ILD), 0V to threshold
(VIHD), f = 1 MHz.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source
or Sink Current (IO)
±50 mA
DC VCC or Ground
Current (ICC or IGND)
±400 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or
Sink Current
±300 mA
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)0V to VCC
Output Voltage (VO)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 0.8V to 2.0V
VCC @ 3.0V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum High Level
3.0
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VIL
Maximum Low Level
3.0
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VOH
Minimum High Level
3.0
2.99
2.9
2.9
V
IOUT = −50 µA
Output Voltage
3.0
2.58
2.48
V
VIN = VIL or VIH (Note 3)
IOH = −12 mA
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
V
IOUT = 50 µA
Output Voltage
3.0
0.36
0.44
V
VIN = VIL or VIH (Note 3)
IOL = 12 mA
IIN
Maximum Input Leakage Current
3.6
±0.1
±1.0
µAV
I = VCC, GND
IOLD
Minimum Dynamic
3.6
36
mA
VOLD = 0.8 VMax (Note 5)
IOHD
Output Current (Note 4)
3.6
−25
mA
VOHD = 2.0V VMin (Note 5)
ICC
Maximum Quiescent
3.6
4.0
40.0
µA
VIN = VCC
Supply Current
or GND
IOZ
3-STATE
VI (OE) = VIL, VIH
Leakage Current
3.6
±0.25
±2.5
µAV
I = VCC, GND
VO = VCC, GND
VOLP
Quiet Output
Maximum Dynamic VOL
3.3
0.4
0.8
V
(Note 6)(Note 7)
VOLV
Quiet Output
Minimum Dynamic VOL
3.3
−0.4
−0.8
V
(Note 6)(Note 7)
VIHD
Maximum High Level
Dynamic Input Voltage
3.3
1.6
2.0
V
(Note 6)(Note 8)
VILD
Maximum Low Level
Dynamic Input Voltage
3.3
1.6
0.8
V
(Note 6)(Note 8)


Podobny numer części - 74LVQ573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
logo
Fairchild Semiconductor
74LVQ573 FAIRCHILD-74LVQ573 Datasheet
101Kb / 6P
   Low Voltage Octal Latch with 3-STATE Outputs
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74LVQ573M STMICROELECTRONICS-74LVQ573M Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74LVQ573MTR STMICROELECTRONICS-74LVQ573MTR Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
More results

Podobny opis - 74LVQ573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVX573 FAIRCHILD-74LVX573 Datasheet
92Kb / 7P
   Low Voltage Octal Latch with 3-STATE Outputs
74LVQ573 FAIRCHILD-74LVQ573 Datasheet
101Kb / 6P
   Low Voltage Octal Latch with 3-STATE Outputs
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVTH373 FAIRCHILD-74LVTH373_08 Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com