Zakładka z wyszukiwarką danych komponentów |
|
AM29F010B-70PF Arkusz danych(PDF) 8 Page - SPANSION |
|
AM29F010B-70PF Arkusz danych(HTML) 8 Page - SPANSION |
8 / 33 page 6 Am29F010B Am29F010B_00_C7 October 31, 2006 D A TA SH EE T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29F010B 70 E C TEMPERATURE RANGE C = Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) D = Commerical (0°C to +70°C) with Pb-free Package F = Industrial (-40°C to +85°C) with Pb-free Package K = Extended (-55°C to +125°C) with Pb-free Package PACKAGE TYPE P = 32-Pin Plastic PDIP (PD 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F010B 1 Megabit (128 K x 8-Bit) CMOS Flash Memory 5.0 Volt-only Read, Program, and Erase Valid Combinations VCC Voltage Am29F010B-45 PC, PI, PE JC, JI, JE, EC, EI, EE, ED, EF, EK PD, PF, PK JD, JF, JK 5.0 V ± 5% Am29F010B-55 5.0 V ± 10% Am29F010B-70 Am29F010B-90 Am29F010B-120 PC, PI, PE JC, JI, JE, EC, EI, EE, ED, EF, EK PD, PF, PK JD, JF, JK |
Podobny numer części - AM29F010B-70PF |
|
Podobny opis - AM29F010B-70PF |