Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29SL400CB120WAD Arkusz danych(PDF) 10 Page - Advanced Micro Devices

Numer części AM29SL400CB120WAD
Szczegółowy opis  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CB120WAD Arkusz danych(HTML) 10 Page - Advanced Micro Devices

Back Button AM29SL400CB120WAD Datasheet HTML 6Page - Advanced Micro Devices AM29SL400CB120WAD Datasheet HTML 7Page - Advanced Micro Devices AM29SL400CB120WAD Datasheet HTML 8Page - Advanced Micro Devices AM29SL400CB120WAD Datasheet HTML 9Page - Advanced Micro Devices AM29SL400CB120WAD Datasheet HTML 10Page - Advanced Micro Devices AM29SL400CB120WAD Datasheet HTML 11Page - Advanced Micro Devices AM29SL400CB120WAD Datasheet HTML 12Page - Advanced Micro Devices AM29SL400CB120WAD Datasheet HTML 13Page - Advanced Micro Devices AM29SL400CB120WAD Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
8
Am29SL400C
Am29SL400C_00_A6 January 23, 2007
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to
confirm availability of specific valid combinations and to check on newly released combinations.
Am29SL400C
T
100R
E
C
TEMPERATURE RANGE
C
=
Commercial (0°C to +70°C)
D
=
Commercial (0°C to +70°C) with Pb-free Package
F
=
Industrial (-40°C to +85°C) with Pb-free Package
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
WA =
48-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 8 mm package (FBA048)
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top Sector
B
=
Bottom Sector
DEVICE NUMBER/DESCRIPTION
Am29SL400C
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS Flash Memory
1.8 Volt-only Read, Program, and Erase
Valid Combinations for TSOP Packages
Order Number
AM29SL400CT100R,
AM29SL400CB100R
EC, EI,
ED, EF
AM29SL400CT110,
AM29SL400CB110
AM29SL400CT120,
AM29SL400CB120
AM29SL400CT150,
AM29SL400CB150
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29SL400CT100R,
AM29SL400CB100R
WAC
WAI
WAD,
WAF
A400CT10R,
A400CB10R
C, I,
D, F
AM29SL400CT110,
AM29SL400CB110
A400CT11V,
A400CB11V
AM29SL400CT120,
AM29SL400CB120
A400CT12V,
A400CB12V
AM29SL400CT150,
AM29SL400CB150
A400CT15V,
A400CB15V


Podobny numer części - AM29SL400CB120WAD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SPANSION
AM29SL400CB120WAD SPANSION-AM29SL400CB120WAD Datasheet
945Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results

Podobny opis - AM29SL400CB120WAD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SPANSION
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL400D AMD-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400C SPANSION-AM29SL400C Datasheet
945Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29DL400B AMD-AM29DL400B Datasheet
534Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29SL800D AMD-AM29SL800D Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com