Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCXH162373MTD Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74VCXH162373MTD
Szczegółowy opis  Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162373MTD Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74VCXH162373MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 7: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
IOL 6 mA
2.7
0.4
IOL 8 mA
3.0
0.55
IOL 12 mA
3.0
0.8
IOL 100 PA
2.3 - 2.7
0.2
IOL 6 mA
2.3
0.4
IOL 8 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 3 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 1 mA
1.4
0.35
II
Input Leakage Current
Control Pins
0
d VI d 3.6V
1.4 - 3.6
r5.0
PA
Data Pins
VI VCC or GND
1.4 - 3.6
r5.0
PA
II(HOLD)
Bushold Input Minimum
VIN 0.8V
3.0
75
PA
Drive Hold Current
VIN 2.0V
3.0
75
VIN 0.7V
2.3
45
VIN 1.6V
2.3
45
VIN 0.57V
1.65
25
VIN 1.07V
1.65
25
II(OD)
Bushold Input Over-Drive
(Note 5)
3.6
450
PA
Current to Change State
(Note 6)
3.6
450
(Note 5)
2.7
300
(Note 6)
2.7
300
(Note 5)
1.95
200
(Note 6)
1.95
200
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.4 - 3.6
r10
PA
VI VIH or VIL
IOFF
Power-OFF Leakage Current
0
d (VO) d 3.6V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.4 - 3.6
20
PA
VCC d (VO) d 3.6V (Note 7)
1.4 - 3.6
r20
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.7 - 3.6
750
PA


Podobny numer części - 74VCXH162373MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCXH162373MTD FAIRCHILD-74VCXH162373MTD Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
More results

Podobny opis - 74VCXH162373MTD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74LCX162373 FAIRCHILD-74LCX162373_05 Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com