Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCXR162601 Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części 74VCXR162601
Szczegółowy opis  Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXR162601 Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  74VCXR162601_04 Datasheet HTML 1Page - Fairchild Semiconductor 74VCXR162601_04 Datasheet HTML 2Page - Fairchild Semiconductor 74VCXR162601_04 Datasheet HTML 3Page - Fairchild Semiconductor 74VCXR162601_04 Datasheet HTML 4Page - Fairchild Semiconductor 74VCXR162601_04 Datasheet HTML 5Page - Fairchild Semiconductor 74VCXR162601_04 Datasheet HTML 6Page - Fairchild Semiconductor 74VCXR162601_04 Datasheet HTML 7Page - Fairchild Semiconductor 74VCXR162601_04 Datasheet HTML 8Page - Fairchild Semiconductor 74VCXR162601_04 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
Note 9: For CL
= 50 pF, add approximately 300 ps to the AC maximum specification.
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
Conditions
VCC
TA = −40°C to +85°C
Units
Figure
(V)
Min
Max
Number
fMAX
Maximum Clock Frequency
CL = 30 pF
3.3
± 0.3
250
MHz
2.5
± 0.2
200
1.8
± 0.15
100
CL = 15 pF
1.5
± 0.1
80.0
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
3.8
ns
Figures
1, 2
tPLH
A to B or B to A
2.5
± 0.2
0.8
4.6
1.8
± 0.15
1.5
9.2
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
18.4
Figures
7, 8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
4.4
ns
Figures
1, 2
tPLH
Clock to A or B
2.5
± 0.2
0.8
5.5
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
19.6
Figures
7, 8
tPHL
Propagation Delay
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
4.4
ns
Figures
1, 2
tPLH
LEBA or LEAB to A or B
2.5
± 0.2
0.8
5.8
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 500Ω
1.5
± 0.1
1.0
19.6
Figures
7, 8
tPZL
Output Enable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
4.3
ns
Figures
1, 3, 4
tPZH
OEBA or OEAB to A or B
2.5
± 0.2
0.8
5.9
1.8
± 0.15
1.5
9.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
19.6
Figures
7, 9, 10
tPLZ
Output Disable Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.6
4.3
ns
Figures
1, 3, 4
tPHZ
OEBA or OEAB to A or B
2.5
± 0.2
0.8
4.9
1.8
± 0.15
1.5
8.8
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.0
17.6
Figures
7, 9, 10
tS
Setup Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.5
ns
Figure 6
2.5
± 0.2
1.5
1.8
± 0.15
2.5
CL = 15 pF, RL = 500Ω
1.5
± 0.1
3.0
tH
Hold Time
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.0
ns
Figure 6
2.5
± 0.2
1.0
1.8
± 0.15
1.0
CL = 15 pF, RL = 500Ω
1.5
± 0.1
2.0
tW
Pulse Width
CL = 30 pF, RL = 500Ω
3.3
± 0.3
1.5
ns
Figure 5
2.5
± 0.2
1.5
1.8
± 0.15
4.0
CL = 15 pF, RL = 500Ω
1.5
± 0.1
4.0
tOSHL
Output to Output Skew
CL = 30 pF, RL = 500Ω
3.3
± 0.3
0.5
ns
tOSLH
(Note 10)
2.5
± 0.2
0.5
1.8
± 0.15
0.75
CL = 15 pF, RL = 2kΩ
1.5
± 0.1
1.5


Podobny numer części - 74VCXR162601_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCXR162601MTD FAIRCHILD-74VCXR162601MTD Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
More results

Podobny opis - 74VCXR162601_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVCR162601 FAIRCHILD-74ALVCR162601 Datasheet
92Kb / 6P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the Outputs
74VCXR162601 FAIRCHILD-74VCXR162601 Datasheet
60Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the Outputs
74ALVC162601 FAIRCHILD-74ALVC162601 Datasheet
94Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74VCX162601 FAIRCHILD-74VCX162601_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in the B-Port Outputs
74VCX162601 FAIRCHILD-74VCX162601 Datasheet
62Kb / 8P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in the B-Port Outputs
74ALVC162835 FAIRCHILD-74ALVC162835 Datasheet
89Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX162835 FAIRCHILD-74VCX162835 Datasheet
77Kb / 8P
   Low Voltage 18-Bit Universal Bus Driver with 3.6V Tolerant Inputs/Outputs and 26??Series Resistors in Outputs
74VCX16500 FAIRCHILD-74VCX16500_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74ALVC16500 FAIRCHILD-74ALVC16500 Datasheet
85Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
74VCX16501 FAIRCHILD-74VCX16501_04 Datasheet
144Kb / 10P
   Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com