Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5571A Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL5571A
Szczegółowy opis  Access High Voltage Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5571A Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL5571A_04 Datasheet HTML 1Page - Intersil Corporation ISL5571A_04 Datasheet HTML 2Page - Intersil Corporation ISL5571A_04 Datasheet HTML 3Page - Intersil Corporation ISL5571A_04 Datasheet HTML 4Page - Intersil Corporation ISL5571A_04 Datasheet HTML 5Page - Intersil Corporation ISL5571A_04 Datasheet HTML 6Page - Intersil Corporation ISL5571A_04 Datasheet HTML 7Page - Intersil Corporation ISL5571A_04 Datasheet HTML 8Page - Intersil Corporation ISL5571A_04 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
TABLE 4. LOGIC I/O ELECTRICAL CHARACTERISTICS - ISL5571A
PARAMETER
TEST CONDITION
MEASURE
MIN
TYP
MAX
UNITS
Digital Input Characteristics:
Input Low Voltage
Input High Voltage
Input Leakage Current (High)
Input Leakage Current (Low)
-
-
VDD = 5.5V, VBAT = -75V, VLOGIC-IN = 5V
VDD = 5.5V, VBAT = -75V, VLOGIC-IN = 0V
-
-
ILOGIC-IN
ILOGIC-IN
-
2.4
-
-
-
-
-
-
0.8
-
1
1
V
V
µA
µA
TABLE 5. LOGIC I/O POWER REQUIREMENTS - ISL5571A
PARAMETER
TEST CONDITION
MEASURE
MIN
TYP
MAX
UNITS
Power Requirements:
Power Dissipation
VDD Current
VBAT Current
VDD = 5.5V, VBAT = -48V,
Idle/Talk State
All OFF-State
Ringing State
VDD = 5.5V,
Idle/Talk State
All OFF-State
Ringing State
VBAT = -48V,
Idle/Talk State
All OFF-State
Ringing State
IDD, IBAT
IDD, IBAT
IDD
IDD
IDD
IDD
IBAT
IBAT
IBAT
-
-
-
-
-
-
-
-
-
6.6
8.8
11.0
1.2
1.6
2.0
1.0
1.0
1.0
8.5
11.5
18.2
2.0
2.1
3.3
10
10
10
mW
mW
mW
mA
mA
mA
µA
µA
µA
Temp. Shutdown Requirements (Note 9)
Shutdown Activation Temperature
Shutdown Circuit Hysteresis
TJ
115
7
125
14
135
21
°C
°C
NOTE:
9. The Temperature Shutdown logic pin (TSD) will be high during normal operation and low during temperature shutdown state.
TABLE 6. ELECTRICAL SPECIFICATION - PROTECTION CIRCUITRY - ISL5571A
PARAMETER
TEST CONDITION
MEASURE
MIN
TYP
MAX
UNITS
PARAMETERS RELATED TO DIODES
Voltage Drop at Continuous
Current (50Hz/60Hz)
Apply
±DC Current Limit of Break Switches
Forward Voltage
-
-
3
V
Voltage Drop at Surge Current Apply
±Dynamic Current Limit of Break Switches Forward Voltage
-
5
-
V
PARAMETERS RELATED TO PROTECTION SCR
Surge Current
Twice
±Dynamic Current Limit of Break Switches
-
-
4
A
Gate Trigger Current
-VBAT Current
-
50
-
mA
Hold Current
110
-
mA
Gate Trigger Voltage
Trigger Current
VBAT - 4V
-
VBAT - 2V
V
Reverse Leakage Current
VBAT
--
1.0
µA
ON-state Voltage (Note 10)
0.5A, t = 0.5
µs
2.0A, t = 0.5
µs
-
-
-3
-5
-
-
V
V
NOTES:
10. In some instances, the typical ON-state voltage can range as low as -25V.
TABLE 7. POWER SUPPLY SPECIFICATIONS
SUPPLY
MIN
TYP
MAX
UNITS
VDD
4.5
-
5.5
V
VBAT
-19
-
-72
V
ISL5571A


Podobny numer części - ISL5571A_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5571AIB INTERSIL-ISL5571AIB Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIB RENESAS-ISL5571AIB Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
ISL5571AIBZ RENESAS-ISL5571AIBZ Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
More results

Podobny opis - ISL5571A_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com