Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5314INZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL5314INZ
Szczegółowy opis  Direct Digital Synthesizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5314INZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL5314INZ Datasheet HTML 1Page - Intersil Corporation ISL5314INZ Datasheet HTML 2Page - Intersil Corporation ISL5314INZ Datasheet HTML 3Page - Intersil Corporation ISL5314INZ Datasheet HTML 4Page - Intersil Corporation ISL5314INZ Datasheet HTML 5Page - Intersil Corporation ISL5314INZ Datasheet HTML 6Page - Intersil Corporation ISL5314INZ Datasheet HTML 7Page - Intersil Corporation ISL5314INZ Datasheet HTML 8Page - Intersil Corporation ISL5314INZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Analog Output
IOUTA and IOUTB are complementary current outputs. They
are generated by a 14-bit DAC that is capable of running at the
full 125MSPS rate. The DDS clock also clocks the DAC. The
sum of the two output currents is always equal to the full scale
output current minus one LSB. If single-ended use is desired, a
load resistor can be used to convert the output current to a
voltage. It is recommended that the unused output be equally
terminated. The voltage developed at the output must not
violate the output voltage compliance range of -1.0V to +1.25V.
RLOAD (the impedance loading each current output) should be
chosen so that the desired output voltage is produced in
conjunction with the output full scale current. If a known line
impedance is to be driven, then the output load resistor should
be chosen to match this impedance. The output voltage
equation is:
VOUT = IOUT X RLOAD.
These outputs can be used in a differential-to-single-ended
arrangement. This is typically done to achieve better harmonic
rejection. Because of a mismatch in IOUTA and IOUTB, the
transformer does not improve the harmonic rejection. However,
it can provide voltage gain without adding distortion. The SFDR
measurements in this data sheet were performed with a 1:1
transformer on the output of the DDS (see Figure 1). With the
center tap grounded, the output swing of pins 17 and 18 will be
biased at zero volts. The loading as shown in Figure 1 will result
in a 500mVP-P signal at the output of the transformer if the full
scale output current of the DAC is set to 20mA.
VOUT = 2 x IOUT x REQ, where REQ is 12.5Ω. Allowing the
center tap to float will result in identical transformer output,
however the output pins of the DAC will have positive DC
offset, which could limit the voltage swing available due to
the output voltage compliance range. The 50
Ω load on the
output of the transformer represents the load at the end of a
‘transmission line’, typically a spectrum analyzer,
oscilloscope, or the next function in the signal chain. The
necessity to have a 50
Ω impedance looking back into the
transformer is negated if the DDS is only driving a short
trace. The output voltage compliance range does limit the
impedance that is loading the DDS output.
Application Considerations
Ground Plane
Separate digital and analog ground planes should be used. All
of the digital functions of the device and their corresponding
components should be located over the digital ground plane
and terminated to the digital ground plane. The same is true for
the analog components and the analog ground plane. Pins 11
through 24 are analog pins, while all the others are digital.
Noise Reduction
To minimize power supply noise, 0.1
µF capacitors should be
placed as close as possible to the power supply pins, AVDD
and DVDD. Also, the layout should be designed using
separate digital and analog ground planes and these
capacitors should be terminated to the digital ground for
DVDD and to the analog ground for AVDD. Additional filtering
of the power supplies on the board is recommended.
Power Supplies
The DDS will provide the best SFDR (spurious free dynamic
range) when using +5V analog and +5V digital power supply.
The analog supply must always be +5V (
±10%). The digital
supply can be either a +3.3V (
±10%), a +5V (±10%) supply,
or anything in between. The DDS is rated to 125MSPS when
using a +5V digital supply and 100MSPS when using a
+3.3V digital supply.
Improving SFDR
+5V power supplies provides the best SFDR. Under some
clock and output frequency combinations, particularly when
the fCLK/fOUT ratio is less than 4, the user can improve
SFDR even further by connecting the COMP2 pin (19) of the
DDS to the analog power supply. The digital supply must be
+5V if this option is explored. Improvements as much as
6dBc in the SFDR-to-Nyquist measurement were seen in the
lab.
FSK Modulation
Binary frequency shift keying (BFSK) can be done by using
the offset frequency register and the ENOFR pin. M-ary FSK
or GFSK (Gaussian) can be done by continuously loading in
new frequency words. The maximum FSK data rate of the
ISL5314 depends on the way the user programs the device
to do FSK, and the form of FSK.
For example, simple BFSK is efficiently performed with the
ISL5314 by loading the center frequency register with one fre-
quency, the offset frequency register with another frequency,
and toggling the ENOFR (enable offset frequency register)
pin. The latency is fourteen CLK cycles between assertion of
the ENOFR pin and the change occurring at the analog out-
put. However, the change in frequency can be pipelined such
that the ENOFR can be toggled at a rate up to
ENOFRMAX = fCLK/2,
where fCLK is the frequency of the master CLK.
PIN 17
PIN 18
100
ISL5314
50
50
50
FIGURE 1. TRANSFORMER OUTPUT CIRCUIT OPTION
IOUTB
IOUTA
VOUT = (2 x IOUT x REQ)VPP
REQ IS THE IMPEDANCE
SPECTRUM ANALYZER
50
Ω REPRESENTS THE
LOADING EACH OUTPUT
ISL5314


Podobny numer części - ISL5314INZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5314INZ INTERSIL-ISL5314INZ Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314INZ RENESAS-ISL5314INZ Datasheet
729Kb / 17P
   Direct Digital Synthesizer
More results

Podobny opis - ISL5314INZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
AD9859 AD-AD9859_17 Datasheet
522Kb / 24P
   CMOS Direct Digital Synthesizer
AD9910 AD-AD9910_16 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
   CommLinkTM Direct Digital Synthesizer
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
   CommLinkTM Direct Digital Synthesizer
logo
Analog Devices
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
logo
Renesas Technology Corp
HSP45314 RENESAS-HSP45314 Datasheet
1Mb / 14P
   CommLinkTM Direct Digital Synthesizer
Jan 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com