Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5571A Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL5571A
Szczegółowy opis  Access High Voltage Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5571A Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL5571A Datasheet HTML 1Page - Intersil Corporation ISL5571A Datasheet HTML 2Page - Intersil Corporation ISL5571A Datasheet HTML 3Page - Intersil Corporation ISL5571A Datasheet HTML 4Page - Intersil Corporation ISL5571A Datasheet HTML 5Page - Intersil Corporation ISL5571A Datasheet HTML 6Page - Intersil Corporation ISL5571A Datasheet HTML 7Page - Intersil Corporation ISL5571A Datasheet HTML 8Page - Intersil Corporation ISL5571A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
TABLE 2. RING RETURN SWITCH - ISL5571A - SW3
PARAMETER
TEST CONDITION
MEASURE
MIN
TYP
MAX
UNIT
S
OFF-State Leakage Current:
-40°C
25°C
85°C
VSWITCH (DIFFERENTIAL) = -310V to GND
VSWITCH (DIFFERENTIAL) = -60V to +250V
VSWITCH (DIFFERENTIAL) = -320V to GND
VSWITCH (DIFFERENTIAL) = -60V to +260V
VSWITCH (DIFFERENTIAL) = -330V to GND
VSWITCH (DIFFERENTIAL) = -60V to +270V
ISWITCH
ISWITCH
ISWITCH
-
-
-
-
-
-
1
1
1
µA
µA
µA
DC Current Limit
-40°C
VSWITCH (ON)
ISWITCH
-
-
350
mA
25°C
VSWITCH (ON)
ISWITCH
-200
-
mA
85°C
VSWITCH (ON)
ISWITCH
120
-
-
mA
Dynamic Current Limit
(t = <0.5
µs)
Break Switches in OFF-State; Ringing Access Switches ON;
Apply
±1000V at 10/1000µs Pulse; Appropriate External
Secondary Protection in Place
ISWITCH
-1.5
2.0
A
ON-Resistance
TLINE = 0, ±10mA
∆VON
-
-
100
ON-State Voltage (Note 4)
Ring Return Switch in ON-State; Iswitch = ILIMIT at 50/60Hz
VON
-
-
130
VPeak
Isolation:
-40°C
25°C
85°C
VSWITCH (Both Poles) = ±310V
Logic Inputs = GND
VSWITCH (Both Poles) = ±320V
Logic Inputs = GND
VSWITCH (Both Poles) = ±330V
Logic Inputs = GND
ISWITCH
ISWITCH
ISWITCH
-
-
-
-
-
-
1
1
1
µA
µA
µA
dV/dt Sensitivity (Note 5)
-
5000
-
V/
µs
NOTES:
4. Choice of secondary protection should ensure this rating is not exceeded.
5. Applied voltage is 100VP-P square wave at 100Hz.
TABLE 3. RING ACCESS SWITCH - ISL5571A - SW4
PARAMETER
TEST CONDITION
MEASURE
MIN
TYP
MAX
UNITS
OFF-State Leakage Current:
-40°C
25°C
85°C
VSWITCH (DIFFERENTIAL) = -245V to +210V
VSWITCH (DIFFERENTIAL) = +245V to -210V
VSWITCH (DIFFERENTIAL) = -255V to +210V
VSWITCH (DIFFERENTIAL) = +255V to -210V
VSWITCH (DIFFERENTIAL) = -270V to +210V
VSWITCH (DIFFERENTIAL) = +270V to -210V
ISWITCH
ISWITCH
ISWITCH
-
-
-
-
-
-
1
1
1
µA
µA
µA
ON-Resistance
ISWITCH (ON) = ±70mA, ±80mA
∆VON
--
12
ON Voltage
ISWITCH (ON) = ±1mA
VON
--
3
V
Ring Access Switch Quiescent
Current During Ringing
VCC = 5V, Ring Access Switches On, All Other
Switches Off
IRING QUIESCENT
(Note 6)
-2.0
-
mA
Steady State Current (Note 7)
--
150
mA
Surge Current (Note 7)
Ring Access Switch On, Time Duration = 100
µs-
-
2
A
Release Current
200
-
1000
µA
Isolation:
-40°C
25°C
85°C
VSWITCH (Both Poles) = ±310V
Logic Inputs = GND
VSWITCH (Both Poles) = ±320V
Logic Inputs = GND
VSWITCH (Both Poles) = ±330V
Logic Inputs = GND
ISWITCH
ISWITCH
ISWITCH
-
-
-
-
-
-
1
1
1
µA
µA
µA
dV/dt Sensitivity (Note 8)
-
5000
-
V/
µs
NOTES:
6. Magnitude of the ring generator current not supplied to the ring load. IRING QUIESCENT= IRING GEN - IRING LOAD.
7. Choice of secondary protector and series current-limit resistor should ensure these ratings are not exceeded.
8. Applied voltage is 100VP-P square wave at 100Hz.
ISL5571A


Podobny numer części - ISL5571A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571AIB INTERSIL-ISL5571AIB Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIB RENESAS-ISL5571AIB Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
ISL5571AIBZ RENESAS-ISL5571AIBZ Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
More results

Podobny opis - ISL5571A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com