Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5216 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL5216
Szczegółowy opis  Four-Channel Programmable Digital DownConverter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5216 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL5216_05 Datasheet HTML 6Page - Intersil Corporation ISL5216_05 Datasheet HTML 7Page - Intersil Corporation ISL5216_05 Datasheet HTML 8Page - Intersil Corporation ISL5216_05 Datasheet HTML 9Page - Intersil Corporation ISL5216_05 Datasheet HTML 10Page - Intersil Corporation ISL5216_05 Datasheet HTML 11Page - Intersil Corporation ISL5216_05 Datasheet HTML 12Page - Intersil Corporation ISL5216_05 Datasheet HTML 13Page - Intersil Corporation ISL5216_05 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
10
July 8, 2005
Level Detector
An input level detector is provided to monitor the signal level
on any of the input busses. The input bus, input format, and
the level detection type are programmable (see
Microprocessor Interface section, GWA registers F804h,
F805h and F806h). This signal level represents the wideband
signal from the A/D and is useful for controlling gain /
attenuation blocks ahead of the converter.
The supported monitoring modes are: integrated magnitude
(like the HSP50214 w/o the threshold), leaky integration
(Yn =Xn xA +Yn-1 x (1-A)) where A = 1, 2
-8, 2-12, or 2-16
(see GWA = F805h), and peak detection. The measurement
interval can be programmed from 2 to 65537 samples (or
continuous for the leaky integrator and peak detect cases).
The output is 32 bits and is read via the
µP interface.
Note that the accumulators in the input level detector are 32
bits wide. This may limit the integration range to as few as
512 samples (for a 42dB exponent range).
Complex Input Mode
In this mode, complex (I/Q) data can be input using two clock
cycles with I input first and Q input second. The ENIx signal
indicates the clock cycle when I is valid. The Q data is taken
on either the next input clock or two clocks after I, as
determined by IWA *000H bit 23. The complex multiply is
done in two clock cycles: I * COS and I * SIN on the first
15-BIT MODE: 15-BIT MANTISSA (15:1), 2-BIT EXPONENT (-1, 0), 18dB MAXIMUM EXPONENT RANGE (Note 12)
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
000
0
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2X1
0
001
6
X15
X14
X13
X12
X11
X10
X9
X8
X7X6X5X4X3X2X1
0
010
12
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
0
011
18
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
0
NOTE:
12. To select this mode, set IWA *000H / GWA F804H bits 17, 16, 8 and 7 to 1, 1, 0 and 0 respectively.
16-BIT MODE: 16-BIT MANTISSA (15:0), 1-BIT EXPONENT (-1), 6dB MAXIMUM EXPONENT RANGE (Note 13)
EXPONENT
GAIN (dB)
PIN BIT WEIGHTING TO 16-BIT INPUT MAPPING
X(-1) = 0
0
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
X0
X(-1) = 1
6
X15
X14
X13
X12
X11
X10
X9
X8
X7
X6
X5
X4
X3
X2
X1
X0
NOTE:
13. To select this mode, set IWA *000H / GWA F804H bits 17, 16, 8 and 7 to 1, 1, 0 and 1 respectively.
FIGURE 1. INTEGRATED MODE
ABSOLUTE
VALUE
16
20, -8, -12, -16
32
MSB
Σ
R
E
G
A
B
A > B
32
20, -8, -12, -16
EN
FIGURE 2. PEAK DETECTOR
16
EN
FIGURE 3. LEAKY INTEGRATOR
Σ
R
E
G
32
16
X
Y
20, -8, -12, -16
A =
YN = A * X + (1 - A) * YN-1
ISL5216


Podobny numer części - ISL5216_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
More results

Podobny opis - ISL5216_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com