Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5585GCM Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL5585GCM
Szczegółowy opis  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585GCM Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL5585GCM Datasheet HTML 7Page - Intersil Corporation ISL5585GCM Datasheet HTML 8Page - Intersil Corporation ISL5585GCM Datasheet HTML 9Page - Intersil Corporation ISL5585GCM Datasheet HTML 10Page - Intersil Corporation ISL5585GCM Datasheet HTML 11Page - Intersil Corporation ISL5585GCM Datasheet HTML 12Page - Intersil Corporation ISL5585GCM Datasheet HTML 13Page - Intersil Corporation ISL5585GCM Datasheet HTML 14Page - Intersil Corporation ISL5585GCM Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
The gain of the Transmit Amplifier, set by RS , determines
the programmed impedance of the device. The capacitor
CFB blocks the DC component of the loop current. The
ground symbols in the model represent AC grounds, not
actual DC potentials.
The Sense Amplifier is configured as a 4 input differential
amplifier with a gain of 3/4. The voltage at the output of the
sense amplifier (VSA) is calculated using superposition.
VSA1 is the voltage resulting from V1, VSA2 is the voltage
resulting from V2 and so on (reference Figure 4).
Where
∆V is equal to I
MRSENSE (RSENSE = 20Ω)
The voltage at VTX is equal to:
VTR is defined in Figure 4, note polarity assigned to VTR:
Setting VIN equal to zero in EQ 18, defining ZO = -VTR/∆IM
and substituting it into EQ18 will enable the user to
determine the required feedback to match the line
impedance at V2W as shown in Equation 19.
2-Wire Impedance Matching
ZO is the source impedance of the device and is defined as.
ZL is the line impedance and RP is the external protection
resistor. RS is defined as:
V
SA1
3
4
--- V
1
()
=
(EQ. 11)
V
SA2
3
4
--- V
2
()
=
(EQ. 12)
V
SA3
3
4
--- V
3
()
=
(EQ. 13)
V
SA4
3
4
--- V
4
()
=
(EQ. 14)
V
SA
V
2
V
1
()
V
4
V
3
()
+
[]3
4
---
V
V
+
[]3
4
---
==
(EQ. 15)
V
SA
2I
M
20
×
()3
4
---
I
M30
==
(EQ. 16)
V
TX
V
IN
R
S
R
IN
----------



V
SA
R
S
8k
--------


V
IN
R
S
R
IN
----------



I
M 30
()
R
S
8k
--------


==
(EQ. 17)
V
TR
2V
TX
()
2V
IN
R
S
R
IN
----------



I
M30
()
R
S
8k
--------


+



==
(EQ. 18)
Z
O
1
133.33
------------------R
S
=
(EQ. 19)
Z
O
Z
L
2R
P
=
(EQ. 20)
R
S
133.33 Z
L
2R
P
()
=
(EQ. 21)
FIGURE 4. AC SIGNAL TRANSMISSION MODEL
AUX
TIP
RING
EG
VTR
IM
VTX
RP
RP
+
-
+
-
-
+
IM
ZL
+
-
R
+
-
R
RSENSE
VSA = ∆IM30
IX
IX
+
-
IX
+
-
+
-
+
-
IM
-
20
20
V2W
+
-
INTERSIL
ISL5585
VTX
Z0
1:1
+
-
CFB
VFB
-IN
TA
R
R
RS
8k
3R
3R
4R
4R
4R
4R
IX
SENSE
FEEDBACK
RECEIVE BLOCK
V1
V2
V3
V4
IM +
-
IM
+
-
RSENSE
AMPLIFIER
FEED
AMPLIFIER
FEED
VIN
FROM CODEC
RIN
AMPLIFIER
AMPLIFIER
ISL5585


Podobny numer części - ISL5585GCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5585GCM INTERSIL-ISL5585GCM Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585GCM RENESAS-ISL5585GCM Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
ISL5585GCMZ RENESAS-ISL5585GCMZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Podobny opis - ISL5585GCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
   3.3V Ringing SLIC Family for Voice Over Broadband VOB
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com