Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43240IR-T Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL43240IR-T
Szczegółowy opis  Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43240IR-T Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL43240IR-T Datasheet HTML 5Page - Intersil Corporation ISL43240IR-T Datasheet HTML 6Page - Intersil Corporation ISL43240IR-T Datasheet HTML 7Page - Intersil Corporation ISL43240IR-T Datasheet HTML 8Page - Intersil Corporation ISL43240IR-T Datasheet HTML 9Page - Intersil Corporation ISL43240IR-T Datasheet HTML 10Page - Intersil Corporation ISL43240IR-T Datasheet HTML 11Page - Intersil Corporation ISL43240IR-T Datasheet HTML 12Page - Intersil Corporation ISL43240IR-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
The low leakage current performance is unaffected by this
approach, but the switch resistance may increase, especially
at low supply voltages.
Power-Supply Considerations
The ISL43240 construction is typical of most CMOS analog
switches, in that they have three supply pins: V+, V-, and
GND. V+ and V- drive the internal CMOS switches and set
their analog voltage limits, so there are no connections
between the analog signal path and GND. Unlike switches
with a 13V maximum supply voltage, the ISL43240 15V
maximum supply voltage provides plenty of room for the
10% tolerance of 12V supplies (±6V or 12V single supply),
as well as room for overshoot and noise spikes.
This family of switches performs equally well when operated
with bipolar or single voltage supplies. The minimum
recommended supply voltage is 2V or ±2V. It is important to
note that the input signal range, switching times, and on-
resistance degrade at lower supply voltages. Refer to the
electrical specification tables and Typical Performance
curves for details.
V+ and GND power the internal logic (thus setting the digital
switching point) and level shifters. The level shifters convert
the logic levels to switched V+ and V- signals to drive the
analog switch gate terminals.
Logic-Level Thresholds
V+ and GND power the internal logic stages, so V- has no
affect on logic thresholds. This switch family is TTL
compatible (0.8V and 2.4V) over a V+ supply range of 2.5V
to 10V (see Figure 17). At 12V the VIH level is about 2.8V.
For best results with a 12V supply, use a logic family the
provides a VOH greater than 3V.
The digital input stages draw supply current whenever the
digital input voltage is not at one of the supply rails (see
Figure 18). Driving the digital input signals from GND to V+
with a fast transition time minimizes power dissipation. The
ISL43240 has been designed to minimize the supply current
whenever the digital input voltage is not driven to the supply
rails (0V to V+). For example driving the device with 3V logic
(0V to 3V) while operating with dual or single 5V supplies the
device draws only 10
µA of current (see Figure 18 for V
IN =
3V). Similiar devices of competitors can draw 8 times this
amount of current.
High-Frequency Performance
In 5
0Ω systems, signal response is reasonably flat even past
200MHz (see Figure 19). Figure 19 also illustrates that the
frequency response is very consistent over a wide V+ range,
and for varying analog signal levels.
An off switch acts like a capacitor and passes higher
frequencies with less attenuation, resulting in signal
feedthrough from a switch’s input to its output. Off Isolation
is the resistance to this feedthrough, while Crosstalk
indicates the amount of feedthrough from one switch to
another. Figure 20 details the high Off Isolation and
Crosstalk rejection provided by this switch. At 10MHz, off
isolation is about 50dB in 5
0Ω systems, decreasing
approximately 20dB per decade as frequency increases.
Higher load impedances decrease Off Isolation and
Crosstalk rejection due to the voltage divider action of the
switch OFF impedance and the load impedance.
Leakage Considerations
Reverse ESD protection diodes are internally connected
between each analog-signal pin and both V+ and V-. One
of these diodes conducts if any analog signal exceeds V+
or V-.
Virtually all the analog leakage current comes from the ESD
diodes to V+ or V-. Although the ESD diodes on a given
signal pin are identical and therefore fairly well balanced,
they are reverse biased differently. Each is biased by either
V+ or V- and the analog signal. This means their leakages
will vary as the signal varies. The difference in the two diode
leakages to the V+ and V- pins constitutes the analog-signal-
path leakage current. All analog leakage current flows
between each pin and one of the supply terminals, not to the
other switch terminal. This is why both sides of a given
switch can show leakage currents of the same or opposite
polarity. There is no connection between the analog signal
paths and GND.
FIGURE 8. OVERVOLTAGE PROTECTION
V-
VCOM
VNO or NC
OPTIONAL PROTECTION
V+
INX
DIODE
OPTIONAL PROTECTION
DIODE
OPTIONAL
PROTECTION
RESISTOR
ISL43240


Podobny numer części - ISL43240IR-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43240IR-T INTERSIL-ISL43240IR-T Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
More results

Podobny opis - ISL43240IR-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com