Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW94 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części BDW94
Szczegółowy opis  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW94 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  BDW94_05 Datasheet HTML 1Page - Fairchild Semiconductor BDW94_05 Datasheet HTML 2Page - Fairchild Semiconductor BDW94_05 Datasheet HTML 3Page - Fairchild Semiconductor BDW94_05 Datasheet HTML 4Page - Fairchild Semiconductor BDW94_05 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
BDW94/C Rev. B
Typical Performance Characteristics
Figure 1. DC Current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0.1
-1
-10
-100
100
1k
10k
100k
V
CE = -3V
I
C [A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.1
-1
-10
I
C= 250 IB
I
C [A], COLLECTOR CURRENT
-0.0
-0.8
-1.6
-2.4
-3.2
-4.0
-0
-4
-8
-12
-16
-20
V
CE= -3V
V
BE [V], BASE-EMITTER VOLTAGE
-1
-10
-100
10
100
1000
f=1MHz
I
E=0
V
CB [V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
BDW94C
BDW94B
BDW94A
BDW94
DC
I
C MAX.
5 ms 1 ms
100uS
V
CE [V], COLLECTOR EMITTER VOLTAGE
0
50
100
150
200
250
0
20
40
60
80
100
120
Tc [
oC], CASE TEMPERATURE


Podobny numer części - BDW94_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDW94A MOSPEC-BDW94A Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW94A POINN-BDW94A Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDW94A TRSYS-BDW94A Datasheet
689Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW94A FAIRCHILD-BDW94A Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Bourns Electronic Solut...
BDW94A BOURNS-BDW94A Datasheet
111Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

Podobny opis - BDW94_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com