Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW94 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części BDW94
Szczegółowy opis  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW94 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  BDW94 Datasheet HTML 1Page - Fairchild Semiconductor BDW94 Datasheet HTML 2Page - Fairchild Semiconductor BDW94 Datasheet HTML 3Page - Fairchild Semiconductor BDW94 Datasheet HTML 4Page - Fairchild Semiconductor BDW94 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.fairchildsemi.com
BDW94/C Rev. B
Electrical Characteristics T
C = 25°C unless otherwise noted
* Pulse Test: PW = 300
µs, Duty Cycle = 1.5% Pulsed
Symbol
Parameter
Conditions
Min.
Typ.
Max
Units
VCEO(sus)
Collector-Emitter Sustaining Voltage
: BDW94
: BDW94C
IC = -100mA, IB = 0
-45
-100
V
V
ICBO
Collector Cut-off Current
: BDW94
: BDW94C
VCB = -45V, IE = 0
VCB = -100V, IE = 0
-100
-100
µA
µA
ICEO
Collector Cut-off Current
: BDW94
: BDW94C
VEB = -45V, IB = 0
VCE = -100V, IB = 0
-1
-1
mA
mA
IEBO
Emitter Cut-off Current
VEB = -5V, IC = 0
-2
mA
hFE
DC Current Gain *
VCE = -3V, IC = -3A
VCE = -3V, IC = -5A
VCE = -3V, IC = -10A
1000
750
100
20000
VCE(sat)
Collector-Emitter Saturation Voltage *
IC = -5A, IB = -20mA
IC = -10A, IB = -100mA
-2
-3
V
V
VBE(sat)
Base-Emitter Saturation Voltage *
IC = -5A, IB = -20mA
IC = -10A, IB = -100mA
-2.5
-4
V
V
VF
Parallel Diode Forward Voltage *
IF = -5A
IF = -10A
-1.3
-1.8
-2
-4
V
V


Podobny numer części - BDW94

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDW94 MOSPEC-BDW94 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW94 POINN-BDW94 Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDW94 TRSYS-BDW94 Datasheet
689Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW94 FAIRCHILD-BDW94 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDW94 FAIRCHILD-BDW94 Datasheet
43Kb / 5P
   PNP Epitaxial Silicon Transistor
More results

Podobny opis - BDW94

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com