Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL4221E Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL4221E
Szczegółowy opis  QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4221E Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL4221E_07 Datasheet HTML 2Page - Intersil Corporation ISL4221E_07 Datasheet HTML 3Page - Intersil Corporation ISL4221E_07 Datasheet HTML 4Page - Intersil Corporation ISL4221E_07 Datasheet HTML 5Page - Intersil Corporation ISL4221E_07 Datasheet HTML 6Page - Intersil Corporation ISL4221E_07 Datasheet HTML 7Page - Intersil Corporation ISL4221E_07 Datasheet HTML 8Page - Intersil Corporation ISL4221E_07 Datasheet HTML 9Page - Intersil Corporation ISL4221E_07 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6045.2
April 13, 2007
voltage doubler and inverter functions. The charge pumps
operate discontinuously (i.e., they turn off as soon as the V+
and V- supplies are pumped up to the nominal values),
resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting drivers
that translate TTL/CMOS inputs to EIA/TIA-232 output levels.
Coupled with the on-chip
±5.5V supplies, these transmitters
deliver true RS-232 levels over a wide range of single supply
system voltages.
All transmitter outputs disable and assume a high impedance
state when the device enters the powerdown mode (see
Table 2). These outputs may be driven to
±12V when disabled.
The devices guarantee a 250kBps data rate for full load
conditions (3k
Ω and 1000pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one
transmitter easily operates at 900kBps.
Transmitter inputs float if left unconnected, and may cause
ICC increases. Connect unused inputs to GND for the best
performance.
Receivers
All the ISL422XE devices contain standard inverting receivers
that three-state via the EN control line. All the receivers
convert RS-232 signals to CMOS output levels and accept
inputs up to
±25V while presenting the required 3kΩ to 7kΩ
input impedance (see Figure 1) even if the power is off (VCC =
0V). The receivers’ Schmitt trigger input stage uses hysteresis
to increase noise immunity and decrease errors due to slow
input signal transitions.
Receivers driving a powered down UART must be disabled to
prevent current flow through, and possible damage to, the
UART’s protection diodes (see Figures 2 and 3). This can be
accomplished on the ISL422XE by driving the EN input high
whenever the UART powers down. Figure 3 also shows that
the INVALID output can be used to determine when the UART
should be powered down. When the RS-232 cable is
disconnected, INVALID switches low indicating that the UART
is no longer needed. Reconnecting the cable drives INVALID
back high, indicating that the UART should be powered up.
Low Power Operation
These 3V devices require a nominal supply current of
0.3mA, even at VCC = 5.5V, during normal operation (not in
powerdown mode). This is considerably less than the 5mA to
11mA current required by comparable 5V RS-232 devices,
allowing users to reduce system power simply by switching to
this new family.
Powerdown Functionality
The already low current requirement drops significantly when
the device enters powerdown mode. In powerdown, supply
current drops to 150nA, because the on-chip charge pump
turns off (V+ collapses to VCC, V- collapses to GND), and the
transmitter outputs three-state. Receiver outputs are
unaffected by powerdown; refer to Table 2 for details. This
micro-power mode makes the ISL422XE ideal for battery
powered and portable applications.
Software Controlled (Manual) Powerdown
The ISL422XE family provides pins that allow the user to force
the IC into the low power, standby state.
The ISL422XE utilize a two pin approach where the
FORCEON and FORCEOFF inputs determine the IC’s
RXOUT
GND
≤ VROUT ≤ VCC
5k
Ω
RXIN
-25V
≤ VRIN ≤ +25V
GND
VCC
FIGURE 1. INVERTING RECEIVER CONNECTIONS
FIGURE 2. POWER DRAIN THROUGH POWERED DOWN
PERIPHERAL
OLD
VCC
POWERED
GND
SHDN = GND
VCC
Rx
Tx
VCC
CURRENT
VOUT = VCC
FLOW
RS-232 CHIP
DOWN
UART
FIGURE 3. DISABLED RECEIVERS PREVENT POWER DRAIN
ISL422XE
TRANSITION
RX
TX
INVALID
ROUT
TIN
VCC
VCC
TO
RIN
TOUT
VOUT = HI-Z
POWERED
DETECTOR
DOWN
UART
WAKE-UP
LOGIC
EN = VCC
ISL4221E, ISL4223E


Podobny numer części - ISL4221E_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL4221EIR INTERSIL-ISL4221EIR Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4221EIR INTERSIL-ISL4221EIR Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL4221EIR INTERSIL-ISL4221EIR Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4221EIR RENESAS-ISL4221EIR Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221EIR-T INTERSIL-ISL4221EIR-T Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
More results

Podobny opis - ISL4221E_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
ISL4260E INTERSIL-ISL4260E Datasheet
341Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Renesas Technology Corp
ISL4260E RENESAS-ISL4260E Datasheet
599Kb / 11P
   QFN Packaged, 짹15kV ESD Protected, 3V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL3241E INTERSIL-ISL3241E Datasheet
554Kb / 16P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 3.6V, 250kbps, RS-232 Transmitters/Receivers with Separate Logic Supply Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com