Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43231IR Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL43231IR
Szczegółowy opis  Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43231IR Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL43231IR Datasheet HTML 6Page - Intersil Corporation ISL43231IR Datasheet HTML 7Page - Intersil Corporation ISL43231IR Datasheet HTML 8Page - Intersil Corporation ISL43231IR Datasheet HTML 9Page - Intersil Corporation ISL43231IR Datasheet HTML 10Page - Intersil Corporation ISL43231IR Datasheet HTML 11Page - Intersil Corporation ISL43231IR Datasheet HTML 12Page - Intersil Corporation ISL43231IR Datasheet HTML 13Page - Intersil Corporation ISL43231IR Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6054.2
February 27, 2006
FIGURE 3A. tBBM MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 3B. tBBM TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 4A. LATCH tS, tH, tMPW MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 4B. LATCH tS, tH, tMPW TEST CIRCUIT
FIGURE 4. LATCH SETUP AND HOLD TIMES
FIGURE 5. OFF ISOLATION TEST CIRCUIT
FIGURE 6. RON TEST CIRCUIT
Test Circuits and Waveforms (Continued)
80%
3V
0V
tBBM
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
tr < 20ns
tf < 20ns
LOGIC
INPUT
ADDX
COMX
RL
CL
VOUT
35pF
300
NCX, NOX
GND
V+
C
EN
V-
C
V+
C
EN, LE
50%
tr < 20ns
tf < 20ns
tH
90%
3V
0V
LOGIC
INPUT
SWITCH
OUTPUT
VOUT
VNCX
LE
3V
0V
LOGIC
INPUT
ADDX
tH
tS
50%
50%
50%
50%
tON, tOFF
0V
tMPW
VOUT
V(NO or NC)
RL
RL R ON
()
+
------------------------------
=
LOGIC
INPUT
VOUT
RL
COMX
NCX
LE
300
35pF
GND
CL
V+
EN
C
V-
C
V+
C
NOX
EN
LOGIC
INPUT
ADDX
ANALYZER
RL
SIGNAL
GENERATOR
0V or V+
NO or NC
COM
ADDX
GND
EN
0V or V+
V-
C
V+
C
EN, LE
0V or V+
NO or NC
COM
ADDX
GND
VNX
V1
RON = V1/1mA
1mA
EN
V-
C
V+
C
EN, LE
ISL43231


Podobny numer części - ISL43231IR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43231IR INTERSIL-ISL43231IR Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL43231IRZ RENESAS-ISL43231IRZ Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
More results

Podobny opis - ISL43231IR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43231 INTERSIL-ISL43231 Datasheet
537Kb / 15P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Renesas Technology Corp
ISL43231 RENESAS-ISL43231 Datasheet
938Kb / 16P
   Low-Voltage, Single and Dual Supply, Triple SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX4736 MAXIM-MAX4736 Datasheet
332Kb / 11P
   0.8?? Low-Voltage, Single-Supply, Dual SPDT Analog Switch
Rev 0; 4/02
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com