Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL43L410 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL43L410
Szczegółowy opis  Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L410 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL43L410_06 Datasheet HTML 1Page - Intersil Corporation ISL43L410_06 Datasheet HTML 2Page - Intersil Corporation ISL43L410_06 Datasheet HTML 3Page - Intersil Corporation ISL43L410_06 Datasheet HTML 4Page - Intersil Corporation ISL43L410_06 Datasheet HTML 5Page - Intersil Corporation ISL43L410_06 Datasheet HTML 6Page - Intersil Corporation ISL43L410_06 Datasheet HTML 7Page - Intersil Corporation ISL43L410_06 Datasheet HTML 8Page - Intersil Corporation ISL43L410_06 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6090.2
July 28, 2006
POWER SUPPLY CHARACTERISTICS
Power Supply Range
Full
1.65
3.6
V
Positive Supply Current, I+
V+ = +1.65 to 3.6V, VIN = 0V or V+
25
-
-
40
nA
Full
-
-
750
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.5
V
Input Voltage High, VINH
Full
1.4
-
-
V
Input Current, IINH, IINL
V+ = 3.3V, VIN = 0V or V+ (Note 8)
Full
-0.5
-
0.5
µA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Guaranteed but not tested.
9. RON matching between channels is calculated by subtracting the channel with the highest max Ron value from the channel with lowest max Ron
value.
Electrical Specifications - 1.8V Supply
Test Conditions: V+ = +1.65V to +2V, GND = 0V, VINH = 1.0V, VINL = 0.4V (Note 4, 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 1.8V, ICOM = 100mA, VNO or VNC = 0V to V+,
See Figure 5, Note 8
25
-
0.4
0.6
Full
-
-
0.6
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 2.0V, VCOM = 0.3V, 1.8V, VNO or VNC = 1.8V, 0.3V
25
-2
-
2
nA
Full
-40
-
40
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 2.0V, VCOM = 0.3V, 1.8V, or VNO or VNC = 0.3V,
1.8V
25
-3
-
3
nA
Full
-60
-
60
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 1.65V, VNO or VNC = 1.0V, RL =50Ω, CL = 35pF,
See Figure 1, Note 8
25
-
22
28
ns
Full
-
-
33
ns
Turn-OFF Time, tOFF
V+ = 1.65V, VNO or VNC = 1.0V, RL =50Ω, CL = 35pF,
See Figure 1, Note 8
25
-
9
15
ns
Full
-
-
20
ns
Break-Before-Make Time Delay, tD
V+ = 2.0V, VNO or VNC = 1.0V, RL =50Ω, CL = 35pF,
See Figure 3, Note 8
Full
2
9
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, See Figure 2
25
-
49
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
See Figure 4
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
See Figure 6
25
-
-95
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
115
-
pF
COM ON Capacitance, CCOM(ON)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
224
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Voltage Low, VINL
Full
-
-
0.4
V
Input Voltage High, VINH
Full
1.0
-
-
V
Input Current, IINH, IINL
V+ = 2.0V, VIN = 0V or V+ (Note 8)
Full
-0.5
-
0.5
µA
Electrical Specifications - 3V Supply
Test Conditions: V+ = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 4, 6),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL43L410


Podobny numer części - ISL43L410_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43L410IR INTERSIL-ISL43L410IR Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IR RENESAS-ISL43L410IR Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410IR-T INTERSIL-ISL43L410IR-T Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL43L410IR-T RENESAS-ISL43L410IR-T Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410IRZ INTERSIL-ISL43L410IRZ Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
More results

Podobny opis - ISL43L410_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL43L410 RENESAS-ISL43L410 Datasheet
642Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Intersil Corporation
ISL43L410 INTERSIL-ISL43L410 Datasheet
406Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, DPDT Analog Switch
logo
Renesas Technology Corp
ISL83699 RENESAS-ISL83699 Datasheet
608Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
logo
Intersil Corporation
ISL83699IR INTERSIL-ISL83699IR Datasheet
418Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
November 5, 2004
FN6094 INTERSIL-FN6094 Datasheet
412Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
ISL54053IRUZ-T INTERSIL-ISL54053IRUZ-T Datasheet
444Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
October 19, 2009
ISL54053_0709 INTERSIL-ISL54053_0709 Datasheet
377Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Renesas Technology Corp
ISL84714 RENESAS-ISL84714 Datasheet
523Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
logo
Intersil Corporation
ISL54053 INTERSIL-ISL54053 Datasheet
445Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
ISL84714_0411 INTERSIL-ISL84714_0411 Datasheet
345Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com