Zakładka z wyszukiwarką danych komponentów |
|
ISL24006IRZ-T13 Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL24006IRZ-T13 Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 10 page 2 FN6110.1 March 9, 2006 IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Absolute Maximum Ratings (T A = 25°C) Supply Voltage between AVDD and GND . . . . . . . . . . . . . . . . .+18V Supply Voltage between DVDD and GND lesser of VS or +7V (max) Maximum Continuous Output Current [VREFU_H, VREFU_L, VREFL_H, VREFL_L] . . . . . . . . . . . . . 60mA [OUT1 to OUT14] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA Total Sourcing/Sink [Upper/Lower] . . . . . . . . . . . . . . . . . . 180mA Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. The device outputs cannot withstand short- circuit condition for extended periods of time. To avoid damage, do not exceed absolute maximum rating of 20mA/channel. Electrical Specifications AVDD = 15V, DVDD = 5V, VREFU_H = 14V, VREFU_L = 8.5V, VREFL_H = 6.5V, VREFL_L = 1V, RL = 1kΩ and CL = 10pF to 1/2 AVDD, TA = 25°C, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT SUPPLY IAVDD Supply Current No load 30 38 mA IDVDD Digital Supply Current 2.75 4 mA ANALOG VOH OUT1 to OUT7 VREFU_H = 14V, AVDD = 15V 13.94 13.98 14.02 V VOL OUT1 to OUT7 VREFU_L = 8.5V, AVDD = 15V 8.47 8.51 8.55 V VOH OUT8 to OUT14 VREFL_H = 6.5V, AVDD = 15V 6.44 6.48 6.52 V VOL OUT8 to OUT14 VREFL_L = 1.0V, AVDD = 15V 0.96 1.00 1.04 V PSRR Power Supply Rejection Ratio AVDD is moved from 14V to 16V 42 50 dB VAC Accuracy -50 0 +50 mV IB Input Bias Current, VREF(U_H, U_L, L_H, L_L) VREF = 1/2 AVDD 250 nA REG Load Regulation IOUT = 5mA step 0.5 mV/mA BG Band Gap 1.1 1.3 1.4 V SR Slew Rate 815 V/µs tS Settling Time ±1/2 LSB 1 µs DIGITAL VIH Logic 1 Input Voltage DVDD- 20% V VIL Logic 0 Input Voltage 20%* DVDD V FCLK Clock Frequency 400 kHz RSDIN SDIN Input Resistance SCL, SDA, STD_REG 1 G Ω tS Setup Time 40 ns tH Hold Time 40 ns ISL24006 |
Podobny numer części - ISL24006IRZ-T13 |
|
Podobny opis - ISL24006IRZ-T13 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |