Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL24006 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL24006
Szczegółowy opis  14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24006 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL24006 Datasheet HTML 2Page - Intersil Corporation ISL24006 Datasheet HTML 3Page - Intersil Corporation ISL24006 Datasheet HTML 4Page - Intersil Corporation ISL24006 Datasheet HTML 5Page - Intersil Corporation ISL24006 Datasheet HTML 6Page - Intersil Corporation ISL24006 Datasheet HTML 7Page - Intersil Corporation ISL24006 Datasheet HTML 8Page - Intersil Corporation ISL24006 Datasheet HTML 9Page - Intersil Corporation ISL24006 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN6110.1
March 9, 2006
For the Standard mode in a READ transfer, a master device
accepts data from the ISL24006. The output data byte
(DATA 1) of the first channel (OUT1) is the second byte of
the transfer. OUT2 output data byte is the third byte of the
transfer, and so forth and so on. The ISL24006 sends an
acknowledge bit after every eighth bit to tell the master
device that the ISL24006 is ready to send another byte.
Consequently, the master must send a Not Acknowledge,
(NA) at the end of the 14th data byte to tell ISL24006 to
release the SDA bus.
See Timing Diagram 1 (Figure 1) for detailed formats.
Devices Address and W/R Bit
Data transfers follow the format shown in Timing Diagram 1.
After the Start condition, a first byte is sent which contains
the Device Address and write/read bit. This address is a 7-bit
long device address and only two device addresses hex (74)
and hex (75) in binary, bin (111010) and bin (111011) are
allowed for the ISL24006. The first 6 bits (A6 to A1, MSBs) of
the device address have been factory programmed and are
always 111010. Only the least significant bit (LSB) A0 is
allowed to change the logic state. This LSB is controlled
externally on the pin #4, A0. When pulled high to DVDD, the
LSB of the device address is high and thus the address is
hex (75) or in binary bin (1110101). When pulled low to GND,
the LSB of the device address low and thus the address is
hex (74) or in binary 1110100. Since the device address has
to be unique in the I2C bus line, a maximum of two ISL24006
may be used on the same bus at one time.
The ISL24006 monitors the bus continuously and waiting for
the Start condition followed by the device address. When the
device recognizes its device address, it will start to accept
data. The eighth bit (W/R) following the device address
indicates the data direction. A "0" is a Write transmission; a
master device will send data to the ISL24006 to set or
program a desired reference voltage. A "1" indicates a Read
transmission; the master device will receive data from the
ISL24006 to read the previous data the voltage reference
was set or programmed.
Control Byte
The multi-function control byte contains information that
selects the memory bank (bankA, or bankB), and operation
(output, read, or write). It also controls the OSC pin function
(external or internal).
The second bit, C1, selects which bank to write to. A "0"
selects bankA. A "1" selects bankB. C1 is a "don't care" on
a read mode.
The third bit, C2, selects which bank to read from. A "0"
selects bankA. A "1" selects bankB. C2 is a "don't care" on
a write mode.
The fourth bit, C3, selects the function of the OSC pin. A "0"
selects the internal oscillator. When the internal oscillator is
selected, the OSC pin acts as an output pin. It generates a
square wave with a frequency of typically 20kHz where
multiple chips can be synchronized. A "1" selects an external
oscillator. When the external oscillator is selected, the OSC
pin acts an input pin. Multiple chips can be synchronized to
an external oscillator. The external frequency or refresh rate
can be synchronized up to 200kHz typically.
The rest of the bits (C4-C7) in the control byte are "don't
cares".
TABLE 1. STANDARD MODE WRITE TRANSFER
S
ISL24006 ADDRESS + W
A
CONTROL BYTE
A
DATA 1
A
DATA 2
A
...
DATA 14
A
P
S = Start condition
CONTROL BYTE = multifunction control
P = Stop condition
DATA 1 = 8-bit input to DAC OUT1
A = Acknowledge bit
DATA 2 = 8-bit input to DAC OUT2
DATA 14 = 8-bit input to DAC OUT14
TABLE 2. Standard Mode READ Transfer
S
ISL24006
ADDRESS + R A DATA 1 A DATA 2 A ...
DATA
14
P
S = Start condition
A = Acknowledge
P = Stop condition
NA = Not Acknowledge
DATA 1 = 8-bit input to DAC OUT1
DATA 2 = 8-bit input to DAC OUT2
DATA 14 = 8-bit input to DAC OUT14
TABLE 3. Control Byte
C7
C6
C5
C4
C3
C2
C1
C0
XXXX
0000
C0
= "0" bypass oscillator
= "1" 3.5µs lagging
C1
= "0" write data to bankA (default)
= "1" write data to bankB
C2
= "0" read data from bankA (default)
= "1" read data from bankB
C3
= "0" internal oscillator (default)
= "1" external oscillator
ISL24006


Podobny numer części - ISL24006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24006 INTERSIL-ISL24006 Datasheet
435Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24006IR-T13 INTERSIL-ISL24006IR-T13 Datasheet
435Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24006IR-T7 INTERSIL-ISL24006IR-T7 Datasheet
435Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24006IRZ INTERSIL-ISL24006IRZ Datasheet
435Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24006IRZ-T13 INTERSIL-ISL24006IRZ-T13 Datasheet
435Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
More results

Podobny opis - ISL24006

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24006 INTERSIL-ISL24006 Datasheet
435Kb / 10P
   14-Channel Programmable Switchable I2C TFT-LCD Reference Voltage Generator with Integrated 4-Channel Static Gamma Drivers
ISL24002 INTERSIL-ISL24002 Datasheet
113Kb / 6P
   14-Channel Static TFT LCD Reference Voltage Generator with 1-Channel VCOM
July 14, 2008
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
MAX5679 MAXIM-MAX5679 Datasheet
82Kb / 2P
   Digitally Programmable LCD Gamma Reference Generator with Digital Voltage Reference
11/9/2009
logo
Renesas Technology Corp
ISL24858 RENESAS-ISL24858 Datasheet
199Kb / 2P
   15-Channel I2C Programmable TFT-LCD Reference Voltage Generator with Integrated EEPROM, and Ultra-Low Power Operation
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
logo
Renesas Technology Corp
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
   8-Channel TFT-LCD Reference Voltage Generator
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
   18-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com