Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL24010IVZ-T Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL24010IVZ-T
Szczegółowy opis  High Voltage TFT-LCD Logic Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24010IVZ-T Arkusz danych(HTML) 6 Page - Intersil Corporation

  ISL24010IVZ-T Datasheet HTML 1Page - Intersil Corporation ISL24010IVZ-T Datasheet HTML 2Page - Intersil Corporation ISL24010IVZ-T Datasheet HTML 3Page - Intersil Corporation ISL24010IVZ-T Datasheet HTML 4Page - Intersil Corporation ISL24010IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL24010IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL24010IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL24010IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL24010IVZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FIGURE 7. RISE TIME vs CAPACITANCE vs SUPPLY
VOLTAGE WITH VOFF = -5V
FIGURE 8. RISE TIME vs CAPACITANCE vs SUPPLY
VOLTAGE WITH VOFF = -20V
FIGURE 9. FALL TIME vs CAPACITANCE vs SUPPLY
VOLTAGE WITH VOFF = -5V
FIGURE 10. FALL TIME vs CAPACITANCE vs SUPPLY
VOLTAGE WITH VOFF = -20V
FIGURE 11. PROP DELAY vs CAPACITANCE vs SUPPLY
VOLTAGE WITH VOFF = -5V
FIGURE 12. PROP DELAY vs CAPACITANCE vs SUPPLY
VOLTAGE WITH VOFF = -20V
Typical Performance Curves TA = 25°C, Output load parallel RC (RL = 5kΩ, CL = 100pF) unless otherwise specified. (Continued)
VON1 & VON2 (V D.C.)
VON1 & 2 = 20-40V
VOFF = -5V
50kHz 50% Duty Cycle
3300pF
1800pF
100pF
2000
1800
1600
1400
1200
1000
800
600
400
200
0
20
22
24
26
28
30
32
34
36
38
40
VON1 & VON2 (V D.C.)
VON1 & 2 = 20-40V
VOFF = -20V
50kHz 50% Duty Cycle
3300pF
1800pF
100pF
2100
1890
1680
1470
1260
1050
840
630
420
210
0
20
22
24
26
28
30
32
34
36
38
40
VON1 & VON2 (V D.C.)
VON1 & 2 = 20-40V
VOFF = -5V
50kHz 50% Duty Cycle
3300pF
1800pF
100pF
2000
1800
1600
1400
1200
1000
800
600
400
200
0
20
22
24
26
28
30
32
34
36
38
40
VON1 & VON2 (V D.C.)
VON1 & 2 = 20-40V
VOFF = -20V
50kHz 50% Duty Cycle
3300pF
1800pF
100pF
2200
1980
1760
1540
1320
1100
880
660
440
220
0
20
22
24
26
28
30
32
34
36
38
40
VON1 & VON2 (V D.C.)
VON1 & 2 = 20-40V
VOFF = -5V
50kHz 50% Duty Cycle
3300pF
1800pF
100pF
1500
1350
1200
1050
900
750
600
450
300
150
0
20
22
24
26
28
30
32
34
36
38
40
VON1 & VON2 (V D.C.)
VON1 & 2 = 20-40V
VOFF = -5V
50kHz 50% Duty Cycle
3300pF
1800pF
100pF
1500
1350
1200
1050
900
750
600
450
300
150
0
20
22
24
26
28
30
32
34
36
38
40
ISL24010


Podobny numer części - ISL24010IVZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL24010IVZ-T RENESAS-ISL24010IVZ-T Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
More results

Podobny opis - ISL24010IVZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
ISL24011 INTERSIL-ISL24011_06 Datasheet
286Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com