Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL35822LPIK Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL35822LPIK
Szczegółowy opis  Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35822LPIK Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL35822LPIK Datasheet HTML 1Page - Intersil Corporation ISL35822LPIK Datasheet HTML 2Page - Intersil Corporation ISL35822LPIK Datasheet HTML 3Page - Intersil Corporation ISL35822LPIK Datasheet HTML 4Page - Intersil Corporation ISL35822LPIK Datasheet HTML 5Page - Intersil Corporation ISL35822LPIK Datasheet HTML 6Page - Intersil Corporation ISL35822LPIK Datasheet HTML 7Page - Intersil Corporation ISL35822LPIK Datasheet HTML 8Page - Intersil Corporation ISL35822LPIK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
1
®
FN6165.0.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL35822
Octal 2.488Gbps to 3.187Gbps/
Lane Retimer
Features
• 8 Lanes of Clock & Data Recovery and Retiming; 4 in
Each Direction
• Differential Input/Output
• Wide Operating Data Rate Range: 2.488Gbps to
3.1875Gbps, and 1.244Gbps to 1.59325Gbps
• Ultra Low-Power Operation (163mW typical per lane,
1300mW typical total consumption, LX4 mode)
• Low Power Version Available for LX4 Applications
• 17mm Square Low Profile 192 pin 1.0mm Pitch EBGA-B
Package
• Compliant to the IEEE 802.3 10GBASE-LX4(WWDM),
10GBASE-CX4, and XAUI Specifications
• Reset Jitter Domain
• Meets 802.3ae and 802.3ak Jitter Requirements with
Significant Margin
• Received Data Aligned to Local Reference Clock for
Retransmission
• Increase Driving Distance
• LX4: Up to 40 inches of FR-4 Traces or 500 Meters of
MMF Fiber at 3.1875Gbps
• CX4: Over 15 meters of Compatible Cable
• Deskewing and Lane-to-Lane Alignment
• 0.13mm Pure-Digital CMOS Technology
• 1.5V Core Supply, Control I/O 2.5V Tolerant
• Clock Compensation
• Tx/Rx Rate Matching via IDLE Insertion/Deletion up to
±100ppm Clock Difference
• Receive Signal Detect and 16 Levels of Receiver
Equalization for Media Compensation
• CML CX4 Transmission Output with 16 Settable Levels of
Pre-Emphasis, Eight on XAUI Side
• Single-Ended or Differential Input Lower-Speed Reference
Clock
• Ease of Testing
• Complete Suite of Ingress-Egress Loopbacks
• Full 802.3ae Pattern Generation and Test, including
CJPAT & CRPAT
• PRBS (both 223-1 and 13458 byte) Built-In Self Tests,
Error Flags and Count Output
• JTAG and AC-JTAG Boundary Scan
• Long Run Length (512 bit) Frequency Lock Ideal for
Proprietary Encoding Schemes
• Extensive Configuration and Status Reporting via 802.3
Clause 45 Compliant MDC/MDIO Serial Interface
• Automatic Load of ISL35822 Control and all XENPAK
Registers from EEPROM or DOM Circuit
Figure 1. FUNCTIONAL BLOCK DIAGRAM
Egress 2
Egress 0
Ingress 2
Ingress 0
Clock Multiplier
RFCP
RFCN
RX0N
RX0P
3.125G
Receive
Parallel
Data
MDIO/MDC
Register File
TX0N
TX0P
Deserializer
and Comma
Detector
8B/10B
Decoder
8B/10B
Encoder
& Mux
Clock &
Data
Recovery
Receive
FIFO
I2C Interface
MDC
MDIO
SDA
SCL
Ingress 3
Egress 3
Ingress 1
Egress 1
Data Sheet
June 29, 2005


Podobny numer części - ISL35822LPIK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL35822 RENESAS-ISL35822 Datasheet
2Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/Lane Retimer
More results

Podobny opis - ISL35822LPIK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
BBT3821 INTERSIL-BBT3821 Datasheet
1Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/ Lane Retimer
logo
Renesas Technology Corp
ISL35822 RENESAS-ISL35822 Datasheet
2Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/Lane Retimer
BBT3821 RENESAS-BBT3821 Datasheet
2Mb / 75P
   Octal 2.488Gbps to 3.187Gbps/Lane Retimer
logo
Texas Instruments
DS100TB211 TI1-DS100TB211 Datasheet
310Kb / 5P
[Old version datasheet]   Low Power, Dual Lane Thunderbolt Retimer
DS160PT801 TI-DS160PT801 Datasheet
963Kb / 9P
[Old version datasheet]   DS160PT801 PCIe짰 4.0, 16Gbps, 8-Lane (16-Channel) Retimer
SN65DP149 TI1-SN65DP149 Datasheet
3Mb / 52P
[Old version datasheet]   3.4 Gbps DP to HDMI Retimer
SN65DP159 TI1-SN65DP159_16 Datasheet
2Mb / 63P
[Old version datasheet]   SNx5DP159 6 Gbps DP to HDMI Retimer
DS110DF1610 TI1-DS110DF1610 Datasheet
133Kb / 6P
[Old version datasheet]   8.5 to 11.3 Gbps 16 Channel Retimer
DS150DF1610 TI1-DS150DF1610 Datasheet
124Kb / 6P
[Old version datasheet]   12.5 to 15 Gbps 16-Channel Retimer
DS125DF1610 TI1-DS125DF1610 Datasheet
1Mb / 81P
[Old version datasheet]   9.8 to 12.5 Gbps 16-Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com