Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22346 Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL22346
Szczegółowy opis  Quad Digitally Controlled Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22346 Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL22346 Datasheet HTML 1Page - Intersil Corporation ISL22346 Datasheet HTML 2Page - Intersil Corporation ISL22346 Datasheet HTML 3Page - Intersil Corporation ISL22346 Datasheet HTML 4Page - Intersil Corporation ISL22346 Datasheet HTML 5Page - Intersil Corporation ISL22346 Datasheet HTML 6Page - Intersil Corporation ISL22346 Datasheet HTML 7Page - Intersil Corporation ISL22346 Datasheet HTML 8Page - Intersil Corporation ISL22346 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6177.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCP are registered trademarks of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL22346
Quad Digitally Controlled Potentiometers (XDCP™)
Low Noise, Low Power I2C® Bus, 128 Taps
The ISL22346 integrates four digitally controlled
potentiometers (DCP) and non-volatile memory on a
monolithic CMOS integrated circuit.
The digitally controlled potentiometers are implemented with
a combination of resistor elements and CMOS switches. The
position of the wipers are controlled by the user through the
I2C bus interface. Each potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR controls the position of the
wiper. At power-up the device recalls the contents of the two
DCP’s IVR to the corresponding WRs.
The DCPs can be used as a three-terminal potentiometers
or as a two-terminal variable resistors in a wide variety of
applications including control, parameter adjustments, and
signal processing.
Pinout
Features
• Four potentiometers in one package
• 128 resistor taps
•I2C serial interface
- Three address pins, up to eight devices/bus
• Non-volatile storage of wiper position
• Wiper resistance: 70
Ω typical @ 3.3V
• Shutdown mode
• Shutdown current 5µA max
• Power supply: 2.7V to 5.5V
•50k
Ω or 10kΩ total resistance
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T <55°C
• 20 Ld TSSOP
• Pb-free plus anneal product (RoHS compliant)
ISL22346
(20 LD TSSOP)
TOP VIEW
RW0
RL0
RH0
SHDN
VCC
A1
A0
RH1
RL1
RW1
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
RH3
RL3
RW3
A2
SCL
SDA
GND
RW2
RL2
RH2
Ordering Information
PART NUMBER
PART MARKING
RESISTANCE OPTION
(k
Ω)
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
ISL22346UFV20Z
(Notes 1, 2)
22346 UFVZ
50
-40 to +125
20 Ld TSSOP
(Pb-Free)
M20.173
ISL22346WFV20Z
(Notes 1, 2)
22346 WFVZ
10
-40 to +125
20 Ld TSSOP
(Pb-Free)
M20.173
NOTES:
1. Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. Add “-TK” suffix for 1,000 Tape and Reel option
Data Sheet
July 28, 2006


Podobny numer części - ISL22346

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
ISL22346 INTERSIL-ISL22346 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL22346 RENESAS-ISL22346 Datasheet
954Kb / 16P
   Quad Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power I2C??Bus, 128 Taps
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346 Datasheet
583Kb / 16P
   2Low Noise, Low Power I2C??Bus,128 Taps
September 3, 2009
ISL22346UFRT20Z INTERSIL-ISL22346UFRT20Z Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
More results

Podobny opis - ISL22346

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22346 INTERSIL-ISL22346_09 Datasheet
586Kb / 16P
   Quad Digitally Controlled Potentiometers
X9259 INTERSIL-X9259_07 Datasheet
319Kb / 21P
   Quad Digitally-Controlled Potentiometers
X9400WS24ZT1 INTERSIL-X9400WS24ZT1 Datasheet
405Kb / 20P
   Quad Digitally Controlled Potentiometers
September 2, 2015
X9408YS24 INTERSIL-X9408YS24 Datasheet
333Kb / 20P
   Quad Digitally Controlled Potentiometers
January 15, 2009
X9400 INTERSIL-X9400_06 Datasheet
356Kb / 19P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349_09 Datasheet
389Kb / 13P
   Quad Digitally Controlled Potentiometers
X9409 INTERSIL-X9409_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
logo
Xicor Inc.
X9409 XICOR-X9409 Datasheet
407Kb / 21P
   Quad Digitally Controlled Potentiometers
logo
Intersil Corporation
X9250 INTERSIL-X9250_06 Datasheet
356Kb / 20P
   Quad Digitally Controlled Potentiometers
ISL22349 INTERSIL-ISL22349 Datasheet
332Kb / 12P
   Quad Digitally Controlled Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com