Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59115 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL59115
Szczegółowy opis  Triple Channel Video Driver with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59115 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL59115 Datasheet HTML 1Page - Intersil Corporation ISL59115 Datasheet HTML 2Page - Intersil Corporation ISL59115 Datasheet HTML 3Page - Intersil Corporation ISL59115 Datasheet HTML 4Page - Intersil Corporation ISL59115 Datasheet HTML 5Page - Intersil Corporation ISL59115 Datasheet HTML 6Page - Intersil Corporation ISL59115 Datasheet HTML 7Page - Intersil Corporation ISL59115 Datasheet HTML 8Page - Intersil Corporation ISL59115 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6185.2
September 21, 2006
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1YIN
Luminance input
2CVBSIN
Composite video input
3CIN
Chrominance input
4ENCY
Enable chrominance and luminance outputs
5VDD
Positive power supply
6ENCVBS
Enable composite video output
7COUT
Chrominance output
8
CVBSOUT
Composite video output
9YOUT
Luminance output
10
GND
Ground
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY -0.1dB
FIGURE 2. GAIN vs FREQUENCY -3dB POINT
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS CLOAD
FIGURE 4. MAXIMUM OUTPUT MAGNITUDE vs INPUT
MAGNITUDE
100k
1M
10M
5
0
-5
-10
-15
-20
-25
-30
-35
FREQUENCY RESPONSE (Hz)
25M
VDD = +3.3V
RL = 150Ω
-0.1dB BW @ 5.6MHz
100k
1M
10M
5
0
-5
-10
-15
-20
-25
-30
-35
FREQUENCY RESPONSE (Hz)
35M
VDD = +3.3V
RL = 150Ω
-3dB BW @ 8.8MHz
-28dB BW @ 27MHz
100k
1M
10M
2
1
0
-1
-2
-3
-4
-5
-6
FREQUENCY RESPONSE (Hz)
25M
VDD = +3.3V
RL = 150Ω
CL = 470pF
CL = 10pF
CL = 100pF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN (VP-P)
VDD = +3.3V
RL = 150Ω
FIN = 100kHz
ISL59115


Podobny numer części - ISL59115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59115 RENESAS-ISL59115 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
ISL59115IRUZ-T7 RENESAS-ISL59115IRUZ-T7 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
More results

Podobny opis - ISL59115

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
ISL59117 INTERSIL-ISL59117 Datasheet
365Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59117 RENESAS-ISL59117 Datasheet
629Kb / 10P
   Triple Channel Video Driver with LPF
ISL59115 RENESAS-ISL59115 Datasheet
607Kb / 10P
   Triple Channel Video Driver with LPF
ISL59123 RENESAS-ISL59123 Datasheet
767Kb / 10P
   Triple Channel Video Driver with LPF
logo
Intersil Corporation
ISL59123 INTERSIL-ISL59123 Datasheet
497Kb / 10P
   Triple Channel Video Driver with LPF
logo
Renesas Technology Corp
ISL59119 RENESAS-ISL59119 Datasheet
1Mb / 11P
   Triple Channel SD Video Driver with LPF
logo
Rohm
BH76906GU ROHM-BH76906GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
BH76912GU ROHM-BH76912GU Datasheet
214Kb / 6P
   Low voltage operation video driver with LPF
logo
Agamem Microelectronic ...
AA7623 AGAMEM-AA7623 Datasheet
40Kb / 1P
   TRIPLE CHANNEL VIDEO DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com