Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1585A Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN1585A
Szczegółowy opis  5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1585A Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN1585A_05 Datasheet HTML 1Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 2Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 3Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 4Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 5Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 6Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 7Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 8Page - Fairchild Semiconductor FAN1585A_05 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FAN1585A
PRODUCT SPECIFICATION
4
REV. 1.1.6 7/8/05
Typical Performance Characteristics
Figure 1. Dropout Voltage vs. Output Current
Figure 2. Load Regulation vs. Temperature
Figure 3. Reference Voltage vs. Temperature
Figure 4. Output Voltage vs. Temperature
Figure 5. Minimum Load Current vs. Temperature
Figure 6. Adjust Pin Current vs. Temperature
123
OUTPUT CURRENT (A)
45
6
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
T=25
°C
T=0
°C
T=125
°C
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
∆I = 5A
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
3.70
3.65
3.60
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
VOUT set with 1% Resistors
VOUT = 3.6V
1
VOUT = 3.3V
1
Note:
1. FAN1585A Only
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
1.275
1.270
1.265
1.260
1.255
1.250
1.245
1.240
1.235
1.230
1.225
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
5
4
3
2
1
0
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
100
90
80
70
60
50
40
30
20
10
0
Note:
1. FAN1585A Only


Podobny numer części - FAN1585A_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1585AM15X FAIRCHILD-FAN1585AM15X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AM18X FAIRCHILD-FAN1585AM18X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMC15X FAIRCHILD-FAN1585AMC15X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMC18X FAIRCHILD-FAN1585AMC18X Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585AMCX FAIRCHILD-FAN1585AMCX Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
More results

Podobny opis - FAN1585A_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_09 Datasheet
192Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com