Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1589 Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części FAN1589
Szczegółowy opis  2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1589 Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN1589_03 Datasheet HTML 2Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 3Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 4Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 5Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 6Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 7Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 8Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 9Page - Fairchild Semiconductor FAN1589_03 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FAN1589
PRODUCT SPECIFICATION
6
REV. 1.0.5 11/10/03
Applications Information
General
The FAN1589 is a three-terminal regulator optimized for a
GTL+ VTT termination applications. It is short-circuit pro-
tected, and offers thermal shutdown to turn off the regulator
when the junction temperature exceeds about 150°C. The
FAN1589 provides low dropout voltage and fast transient
response. Frequency compensation uses capacitors with low
ESR while still maintaining stability. This is critical in address-
ing the needs of low voltage high speed microprocessor buses
like a GTL+.
Stability
The FAN1589 requires an output capacitor as a part of the
frequency compensation. It is recommended to use a 22µF
solid tantalum or a 100µF aluminum electrolytic on the out-
put to ensure stability. The frequency compensation of these
devices optimizes the frequency response with low ESR
capacitors. In general, it is suggested to use capacitors with
an ESR of <1
Ω.
Protection Diodes
In normal operation, the FAN1589 does not require any pro-
tection diodes.
A protection diode between the input and output pins is usu-
ally not needed. An internal diode between the input and out-
put pins on the FAN1589 can handle microsecond surge
currents of 50A to 100A. Even with large value output
capacitors it is difficult to obtain those values of surge cur-
rents in normal operation. Only with large values of output
capacitance, such as 1000
µF to 5000µF, and with the input
pin instantaneously shorted to ground can damage occur. A
crowbar circuit at the input can generate those levels of cur-
rent; a diode from output to input is then recommended, as
shown in Figure 9. Usually, normal power supply cycling or
system “hot plugging and unplugging” will not generate cur-
rent large enough to do any damage.
As with any IC regulator, exceeding the maximum input-to-
output voltage differential causes the internal transistors to
break down and none of the protection circuitry is then
functional.
Figure 8. Optional Protection
Load Regulation
It is not possible to provide true remote load sensing because
the FAN1589 is a three-terminal device. Load regulation is
limited by the resistance of the wire connecting the regula-
tors to the load. Load regulation per the data sheet specifica-
tion is measured at the bottom of the package.
For fixed voltage devices, negative side sensing is a true
Kelvin connection with the ground pin of the device returned
to the negative side of the load. This is illustrated in Figure 10.
Figure 9. Connection for Best Load Regulation
Thermal Considerations
The FAN1589 protects itself under overload conditions with
internal power and thermal limiting circuitry. However, for
normal continuous load conditions, do not exceed maximum
junction temperature ratings. It is important to consider all
sources of thermal resistance from junction-to-ambient.
These sources include the junction-to-case resistance, the
case-to-heat sink interface resistance, and the heat sink resis-
tance. Thermal resistance specifications have been developed
to more accurately reflect device temperature and ensure safe
operating temperatures.
For example, look at using an FAN1589 to generate 2.7A @
1.2V
± 2% from a 3.3V source (3.2V to 3.6V).
Assumptions:
•VIN = 3.6V worst case
•VOUT = 1.176V worst case
•IOUT = 2.7A continuous
•TA = 70°C
θCase-to-Ambient = 3°C/W (assuming both a heatsink and
a thermally conductive material)
The power dissipation in this application is:
PD = (VIN – VOUT) * (IOUT) = (3.6 – 1.18) * (2.7) = 6.53W
From the specification table:
TJ = TA + (PD) * (θCase-to-Ambient + θJC)
= 70 + (6.53) * (3 + 3) = 109
°C
The junction temperature is below the maximum rating.
FAN1589
GND
C2
22
µF
VOUT
C1
10
µF
+
+
IN
OUT
D1
1N4002
(OPTIONAL)
VIN
FAN1589
GND
RL
RP
PARASITIC
LINE RESISTANCE
IN
OUT
VIN


Podobny numer części - FAN1589_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
More results

Podobny opis - FAN1589_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com