Zakładka z wyszukiwarką danych komponentów |
|
ISL59482IRZ-T13 Arkusz danych(PDF) 4 Page - Intersil Corporation |
|
ISL59482IRZ-T13 Arkusz danych(HTML) 4 Page - Intersil Corporation |
4 / 14 page 4 FN6209.2 December 22, 2006 BW Small Signal -3dB Bandwidth VOUT = 0.2Vp-p; RL = 500Ω, CL = 1.2pF 520 MHz VOUT = 0.2Vp-p; RL = 150Ω, CL = 1.2pF 420 MHz Large Signal -3dB Bandwidth VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF 250 MHz VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF 230 MHz FBW 0.1dB Bandwidth VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF 35 MHz VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF 90 MHz SR Slew Rate 25% to 75%, RL = 150Ω, Input Enabled, CL = 1.5pF 1600 V/µs TRANSIENT RESPONSE tr, tf Large Signal Large Signal Rise, Fall TImes, tr, tf, 10% - 90% VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF 1.2 ns VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF 1.2 ns tr, tf, Small Signal Small Signal Rise, Fall TImes, tr, tf, 10% - 90% VOUT = 0.2Vp-p; RL = 500Ω, CL = 1.2pF 0.7 ns VOUT = 0.2Vp-p; RL = 150Ω, CL = 1.2pF 0.8 ns ts 0.1% Settling TIme to 0.1% VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF 22 ns VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF 24 ns ts 1% Settling TIme to 1% VOUT = 2Vp-p; RL = 500Ω, CL = 1.2pF 5 ns VOUT = 2Vp-p; RL = 150Ω, CL = 1.2pF 7 ns SWITCHING CHARACTERISTICS VGLITCH Channel-to-Channel Switching Glitch VIN = 0V, CL = 1.2pF 60 mVP-P EN Switching Glitch VIN = 0V, CL = 1.2pF 200 mVP-P HIZ Switching Glitch VIN = 0V, CL = 1.2pF 300 mVP-P tSW-L-H Channel Switching Time Low to High 1.2V logic threshold to 10% movement of analog output 22 ns tSW-H-L Channel Switching Time High to Low 1.2V logic threshold to 10% movement of analog output 25 ns tpd Propagation Delay 10% to 10% 0.9 ns Electrical Specifications V1+ = V2+ = +5V, V1- = V2- = -5V, GND = 0V, TA = +25°C, Input Video = 0.5VP-P and RL = 500Ω to GND, CL = 5pF unless otherwise specified. (Continued) PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = +25°C, unless otherwise specified. FIGURE 1. SMALL SIGNAL GAIN vs FREQUENCY vs CL INTO 500 Ω LOAD FIGURE 2. SMALL SIGNAL GAIN vs FREQUENCY vs CL INTO 150 Ω LOAD -10 -8 -6 -4 -2 0 2 4 6 8 10 1M 10M 100M 1G FREQUENCY (Hz) CL = 2.2pF CL = 4.5pF CL = 2.7pF CL = 6.8pF CL INCLUDES 1.2pF BOARD CAPACITANCE VOUT = 0.2Vp-p CL = 1.2pF CL = 11.2pF CL = 3.4pF -10 -8 -6 -4 -2 0 2 4 6 8 10 1M 10M 100M 1G FREQUENCY (Hz) CL= 3.9pF CL = 6.8pF CL = 11.2pF CL INCLUDES 1.2pF BOARD CAPACITANCE VOUT = 0.2Vp-p CL= 1.2pF CL = 16.2pF ISL59482 |
Podobny numer części - ISL59482IRZ-T13 |
|
Podobny opis - ISL59482IRZ-T13 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |