Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL29004IROZ-T7 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL29004IROZ-T7
Szczegółowy opis  Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29004IROZ-T7 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button ISL29004IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29004IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29004IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29004IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29004IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29004IROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29004IROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29004IROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29004IROZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN6221.0
December 21, 2006
Interrupt persist; Bits 1 and 0. The interrupt pin and the
interrupt flag is triggered/set when the data sensor reading is
out of the interrupt threshold window after m consecutive
number of integration cycles. The interrupt persist bits
determine m.
Interrupt Threshold HI Register 02(hex)
This register sets the the HI threshold for the interrupt pin
and the interrupt flag. By default the Interrupt threshold HI is
FF(hex). The 8-bit data written to the register represents the
upper MSB of a 16-bit value. The LSB is always 00(hex).
Interrupt Threshold LO Register 03(hex)
This register sets the the LO threshold for the interrupt pin
and the interrupt flag. By default the Interrupt threshold LO is
00(hex). The 8-bit data written to the register represents the
upper MSB of a 16-bit value. The LSB is always 00(hex).
Sensor Data Register 04(hex) and 05(hex)
When the device is configured to output a 16-bit data, the
most significant byte is accessed at 04(hex), and the least
significant byte can be accessed at 05(hex). The sensor data
register is refreshed after very integration cycle.
Timer Data Register 06(hex) and 07(hex)
Note that the timer counter value is only available when
using the External Timing Mode. The 06(hex) and 07(hex)
are the LSB and MSB respectively of a 16-bit timer counter
value corresponding to the most recent sensor reading.
Each clock cycle increments the counter. At the end of each
integration period, the value of this counter is made available
over the I2C. This value can be used to eliminate noise
introduced by slight timing errors caused by imprecise
external timing. Microcontrollers, for example, often cannot
provide high-accuracy command-to-command timing, and
the timer counter value can be used to eliminate the
resulting noise.
Calculating Lux
The ISL29004’s output codes, DATA, are directly
proportional to Lux.
The proportionality constant
α is determined by the Full
Scale Range, FSR, and the n-bit ADC which is user defined
in the command register. The proportionality constant can
also be viewed as the resolution; The smallest Lux
measurement the device can measure is
α.
Full Scale Range, FSR, is determined by the software
programmable Range/Gain, Range(k), in the command
register and an external scaling resistor REXT which is
referenced to 100k
Ω.
The transfer function effectively for each timing mode
becomes:
INTERNAL TIMING MODE
EXTERNAL TIMING MODE
n = 4, 8, 12, or 16. This is the number of clock cycles
programmed in the command register.
Range(k) is the user defined range in the Gain/Range bit
in the command register.
REXT is an external scaling resistor hardwired to the REXT
pin.
DATA is the output sensor reading in number of counts
available at the data register.
2n represents the maximum number of counts possible in
Internal Timing Mode. For the External Timing Mode the
TABLE 9. RANGE/GAIN TYPICAL FSR LUX RANGES
BITS
3:2
k RANGE(k)
FSR LUX
RANGE@
REXT = 100k
FSR LUX
RANGE@
REXT = 50k
FSR LUX
RANGE@
REXT = 500k
0:0
1
973
973
1946
195
0:1
2
3892
3892
7784
778
1:0
3
15,568
15,568
31,136
3114
1:1
4
62,272
62,272
124,544
12,454
TABLE 10. INTERRUPT PERSIST
BITS 1:0
NUMBER OF INTEGRATION CYCLES
0:0
1
0:1
4
1:0
8
1:1
16
TABLE 11. DATA REGISTERS
ADDRESS
(hex)
CONTENTS
04
Least-significant byte of most recent sensor reading.
05
Most-significant byte of most recent sensor reading.
06
Least-significant byte of timer counter value
corresponding to most recent sensor reading.
07
Most-significant byte of timer counter value
corresponding to most recent sensor reading.
E
α DATA
×
=
(EQ. 1)
α
FSR
2
n
------------
=
(EQ. 2)
(EQ. 3)
FSR
Range k
() 100kΩ
R
EXT
------------------
×
=
(EQ. 4)
E
Range k
() 100kΩ
R
EXT
------------------
×
2
n
----------------------------------------------------
DATA
×
=
(EQ. 5)
E
Range k
() 100kΩ
R
EXT
------------------
×
COUNTER
----------------------------------------------------
DATA
×
=
ISL29004


Podobny numer części - ISL29004IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000IROZ INTERSIL-ISL29000IROZ Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
ISL29000IROZ-EVALZ INTERSIL-ISL29000IROZ-EVALZ Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000IROZ-EVALZ RENESAS-ISL29000IROZ-EVALZ Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
More results

Podobny opis - ISL29004IROZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
logo
Renesas Technology Corp
ISL29012 RENESAS-ISL29012 Datasheet
930Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29010 RENESAS-ISL29010 Datasheet
843Kb / 13P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com