Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59533IKEZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL59533IKEZ
Szczegółowy opis  32x32 Video Crosspoint with Differential Inputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59533IKEZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL59533IKEZ Datasheet HTML 1Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 2Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 3Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 4Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 5Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 6Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 7Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 8Page - Intersil Corporation ISL59533IKEZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
®
FN6222.0
PRELIMINARY
ISL59533
32x32 Video Crosspoint with Differential
Inputs
The ISL59533 is a 32x32 integrated video crosspoint switch
matrix with input and output buffers and On-Screen Display
(OSD) insertion. The ISL59533 is ideal for routing video
signals in security and video-on-demand systems. This
device operates from a single +5V supply. Any output can be
switched to any of the 32 input video signal sources and
OSD information through an internal, dedicated fast 2:1 mux
(15ns switching times) located before the output buffer. Also,
any one input can be broadcast to all 32 outputs.
The ISL59533 offers a -3dB signal bandwidth of 300MHz.
The differential gain and phase at 0.01% and 0.03°
respectively, along with 0.1dB flatness out to 35MHz, make
the ISL59533 suitable for many video applications.
The switch matrix configuration and output buffer gain are
programmed through an SPI/QSPI™-compatible, three-wire
serial interface. The ISL59533 interface is set up to facilitate
both fast updates and initialization. On power-up, all outputs
are initialized in the disabled state to avoid output conflicts
within the user system.
The ISL59533 is available in a 356-pin BGA package and
specified over an extended -40°C to +85°C temperature
range.
The ISL59533 has single-supply signal operation. It can
accommodate input and output voltages from ground to
>3.5V. It also has fully differential inputs. The differential
input span is ±1.5V. The output offset is applied via a group
reference input.
Features
• 32x32 non-blocking switch with buffered inputs and
outputs
• Differential inputs
• Operates from a single +5V supply
• Output gain switchable +1 or +2
• Tri-state output
• -80dB Isolation at 6MHz
• 0.01%/0.03° dG/dP
• Pb-Free plus anneal available (RoHS compliant)
Applications
• Security camera switching
•RGB routing
• HDTV routing
Ordering Information
PART
NUMBER
TAPE & REEL
PACKAGE
PKG. DWG. #
ISL59533IKEZ
(See Note)
-
356-Pin BGA
(Pb-Free)
V356.27x27A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
March 13, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL59533IKEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
More results

Podobny opis - ISL59533IKEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59532_0708 INTERSIL-ISL59532_0708 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
ISL59532 INTERSIL-ISL59532_07 Datasheet
1Mb / 24P
   32x32 Video Crosspoint
logo
Renesas Technology Corp
ISL59532 RENESAS-ISL59532 Datasheet
1Mb / 25P
   32x32 Video Crosspoint
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
ADV7281 AD-ADV7281_14 Datasheet
558Kb / 32P
   Oversampled SDTV Video Decoder with Differential Inputs
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
ADV7182 AD-ADV7182 Datasheet
1Mb / 96P
   10-Bit, SDTV Video Decoder with Differential Inputs
REV. A
logo
TriQuint Semiconductor
TQ8032 TRIQUINT-TQ8032 Datasheet
177Kb / 8P
   800 Megabit/sec 32x32 Digital ECL Crosspoint Switch
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com