Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28190 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL28190
Szczegółowy opis  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28190 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL28190 Datasheet HTML 1Page - Intersil Corporation ISL28190 Datasheet HTML 2Page - Intersil Corporation ISL28190 Datasheet HTML 3Page - Intersil Corporation ISL28190 Datasheet HTML 4Page - Intersil Corporation ISL28190 Datasheet HTML 5Page - Intersil Corporation ISL28190 Datasheet HTML 6Page - Intersil Corporation ISL28190 Datasheet HTML 7Page - Intersil Corporation ISL28190 Datasheet HTML 8Page - Intersil Corporation ISL28190 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6247.3
April 13, 2007
IO-
Short-Circuit Output Current
RL = 10Ω
95
90
135
mA
VSUPPLY
Supply Operating Range
VS+ to VS-3
5.5
V
VINH
ENABLE Pin High Level
2
V
VINL
ENABLE Pin Low Level
0.8
V
IENH
ENABLE Pin Input High Current
VEN = V+
0.8
1.2
1.4
µA
IENL
ENABLE Pin Input Low Current
VEN = V-
20
80
100
nA
Electrical Specifications
V+= 5.0V, V-= GND, RL = 1kΩ, RF = 1kΩ, AV = -1. unless otherwise specified. Parameters are per amplifier.
Typical values are at V+= 5V, TA = +25°C. Boldface limits apply over the operating temperature range,
-40°C to +125°C, temperature data guaranteed by characterization
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY FOR VARIOUS RLOAD
FIGURE 2. GAIN vs FREQUENCY FOR VARIOUS CLOAD
FIGURE 3. -3dB BANDWIDTH vs VOUT
FIGURE 4. INPUT IMPEDANCE vs FREQUENCY
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
100k
1M
10M
100M
1G
RL = 100
RL = 1k
RL = 100k
RL = 10k
FREQUENCY (Hz)
V+ = 5V
AV = +1
CL = 10pF
VOUT = 10mVP-P
-10
-8
-6
-4
-2
0
2
4
6
8
10
10k
100k
1M
10M
100M
1G
CL = 1pF
CL = 20pF
CL = 32pF
CL = 110pF
CL = 92pF
CL = 57pF
FREQUENCY (Hz)
V+ = 5V
AV = +1
RL = 10kΩ
VOUT = 10mVP-P
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
10k
100k
1M
10M
100M
1G
V+ = 5V
AV = +1
RL = 10kΩ
CL = 10pF
FREQUENCY (Hz)
VOUT = 10mVP-P
VOUT = 1mVP-P
VOUT = 100mVP-P
VOUT = 1VP-P
10
100
1k
10k
100k
1M
100k
1M
10M
100M
1G
V+ = 5V, 3V
FREQUENCY (Hz)
ENABLED AND
DISABLED
VSOURCE = 1VP-P
ISL28190, ISL28290


Podobny numer części - ISL28190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28190EVAL1Z RENESAS-ISL28190EVAL1Z Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
More results

Podobny opis - ISL28190

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
ISL28191 INTERSIL-ISL28191 Datasheet
1Mb / 14P
   Single and Dual Ultra-Low Noise, Rail-to-Rail, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Intersil Corporation
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com