Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN5182QSCX_NL Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN5182QSCX_NL
Szczegółowy opis  Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5182QSCX_NL Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN5182QSCX_NL Datasheet HTML 1Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 2Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 3Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 4Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 5Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 6Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 7Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 8Page - Fairchild Semiconductor FAN5182QSCX_NL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5182 Rev. 1.1.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. Unless otherwise noted, all voltages are referenced to GND.
Symbol
Parameter
Min.
Max.
Unit
VCC
-0.3
+15
V
FBRTN
-0.3
+0.3
V
EN, DELAY, ILIMIT, RT, PWM1-PWM3, COMP
-0.3
5.5
V
SW1-SW3
-5
+25
V
VCC
All Other Inputs and Outputs
-0.3
VCC + 0.3
V
TJ
Operating Junction Temperature
0
+125
°C
TSTG
Storage Temperature
-65
+150
°C
TL
Lead Soldering Temperature (10 seconds)
300
°C
TLI
Lead Infrared Temperature (15 seconds)
260
°C
ΘJC
Thermal Resistance Junction-to-Case
38
°C/W
ΘJA
Thermal Resistance Junction-to-Ambient
(1)
90
°C/W
Note:
1.
Junction-to-ambient thermal resistance, ΘJA, is a strong function of PCB material, board thickness, thickness and
number of copper planes, number of via used, diameter of via used, available copper surface, and attached heat
sink characteristics. It is measured with the device mounted on a board of FR-4 material, 0.063inch thickness, no
copper plane, and zero air flow.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage Range
10.8
12.0
13.2
V
TA
Operating Ambient Temperature
0
+85
°C


Podobny numer części - FAN5182QSCX_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5182QSCX_NL FAIRCHILD-FAN5182QSCX_NL Datasheet
788Kb / 18P
   Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
More results

Podobny opis - FAN5182QSCX_NL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN5182 FAIRCHILD-FAN5182 Datasheet
788Kb / 18P
   Adjustable Output 1, 2, or 3-Phase Synchronous Buck Controller
FAN5182 FAIRCHILD-FAN5182_08 Datasheet
786Kb / 19P
   Adjustable Output, 1-, 2-, or 3-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3182 AD-ADP3182 Datasheet
417Kb / 20P
   Adjustable Output 1-/2-/3-Phase Synchronous Buck Controller
REV. 0
logo
uPI Group Inc.
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
   3/2/1-Phase Synchronous-Rectified Buck Controller
UP9509S UPI-UP9509S Datasheet
379Kb / 18P
   3/2/1-Phase Synchronous-Rectified Buck Controller
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
logo
ON Semiconductor
NCP81174 ONSEMI-NCP81174_16 Datasheet
148Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2015 ??Rev. 5
NCP81174N ONSEMI-NCP81174N Datasheet
207Kb / 18P
   4/3/2-Phase Synchronous Buck Controller
March, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com