Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55190IRZ-T13 Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części ISL55190IRZ-T13
Szczegółowy opis  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55190IRZ-T13 Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button ISL55190IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL55190IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL55190IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL55190IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL55190IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL55190IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL55190IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL55190IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL55190IRZ-T13 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
FN6262.1
March 30, 2007
FIGURE 7. ISL55290 GAIN vs FREQUENCY vs CL
FIGURE 8. ISL55190 GAIN vs FREQUENCY vs Cg
FIGURE 9. ISL55290 GAIN vs FREQUENCY vs Cg
FIGURE 10. DISABLED INPUT IMPEDANCE vs FREQUENCY
FIGURE 11. ENABLED INPUT IMPEDANCE vs FREQUENCY
FIGURE 12. DISABLED OUTPUT IMPEDANCE vs
FREQUENCY
Typical Performance Curves (Continued)
-5
-4
-3
-2
-1
0
1
2
3
4
5
CL = 13.2pF
CL = 8.0pF
CL = 1.2pF
CL = 2.2pF
CL = 2.2pF
AV = 5
RL = 1k
Rf = 402
Rg = 100
VOUT = 100mVpp
FREQUENCY (MHz)
.01
0.1
1.0
10
100
1k
FREQUENCY (MHz)
AV = 5
RL = 1k
VOUT = 100mVP-P
Rg = 100
Rf = 402
Cg = 9.0pF
Cg = 7.6pF
Cg = 5.5pF
Cg = 4.1pF
Cg = 3.0pF
Cg = 2.3pF
Cg = 1.8pF
Cg = 0.8pF
.01
0.1
1.0
10
100
1k
-5
-4
-3
-2
-1
0
1
2
3
4
5
-5
-4
-3
-2
-1
0
1
2
3
4
5
FREQUENCY (MHz)
AV = 5
RL = 1k
VOUT = 100mVP-P
Rg = 100
Rf = 402
Cg = 10.5pF
Cg = 8.7pF
Cg = 5.2pF
Cg = 3.8pF
Cg = 2.7pF
Cg = 2.0pF
Cg = 1.6pF
Cg = 0.5pF
.01
0.1
1.0
10
100
1k
1
10
100
1k
10k
100k
1M
10M
AV = 5
RL = 1k
Cg = 1.6pF
Rf = 402
Rg = 100
CL = 1.2pF
FREQUENCY (MHz)
.01
0.1
1.0
10
100
1k
VSOURCE = 500mVP-P
1
10
100
1k
10k
100k
AV = 5
RL = 1k
Cg = 1.6pF
Rf = 402
Ri = 100
CL = 1.2pF
FREQUENCY (MHz)
AV = 5
RL = 1k
VSOURCE = 500mVP-P
Rf = 402
Ri = 100
.01
0.1
1.0
10
100
1k
10
100
1000
FREQUENCY (MHz)
OUTPUT DISABLED
AV = 5
VSOURCE = 1VP-P
Rf = 402
Rg = 100
.01
0.1
1.0
10
100
1k
ISL55190, ISL55290


Podobny numer części - ISL55190IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL55190IRZ-T13 RENESAS-ISL55190IRZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results

Podobny opis - ISL55190IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com