Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59831IRTZ-T7 Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL59831IRTZ-T7
Szczegółowy opis  Single Supply Video Driver with Reconstruction Filter and Charge Pump
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59831IRTZ-T7 Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL59831IRTZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59831IRTZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59831IRTZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59831IRTZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59831IRTZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59831IRTZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59831IRTZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL59831IRTZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL59831IRTZ-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6266.0
March 29, 2007
ISL59831
Thin Dual Flat No-Lead Plastic Package (TDFN)
C
//
L
C
e
TERMINAL TIP
FOR EVEN TERMINAL/SIDE
NX (b)
SECTION "C-C"
5
(A1)
BOTTOM VIEW
A
6
AREA
INDEX
C
0.10
0.08
SIDE VIEW
0.15
2X
E
A
B
C
0.15
D
TOP VIEW
CB
2X
6
8
AREA
INDEX
NX L
E2
E2/2
REF.
e
N
(Nd-1)Xe
(DATUM A)
(DATUM B)
5
0.10
8
7
D2
B
A
M C
N-1
12
PLANE
SEATING
C
A
A3
NX b
D2/2
NX k
L
L12.4x3A
12 LEAD THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-229-WGED-4 ISSUE C)
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.70
0.75
0.80
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.18
0.23
0.30
5,8
D
4.00 BSC
-
D2
3.15
3.30
3.40
7,8
E
3.00 BSC
-
E2
1.55
1.70
1.80
7,8
e
0.50 BSC
-
k0.20
-
-
-
L
0.30
0.40
0.50
8
N12
2
Nd
6
3
Rev. 0 1/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.


Podobny numer części - ISL59831IRTZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59831IRTZ-T7 RENESAS-ISL59831IRTZ-T7 Datasheet
979Kb / 12P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
More results

Podobny opis - ISL59831IRTZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
ISL59832 RENESAS-ISL59832 Datasheet
1Mb / 15P
   Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
logo
Intersil Corporation
ISL59832 INTERSIL-ISL59832 Datasheet
1Mb / 14P
   Dual Channel, Single Supply Video Reconstruction Filter with Charge Pump
logo
Renesas Technology Corp
ISL59834 RENESAS-ISL59834 Datasheet
1Mb / 17P
   Quad Channel, Single Supply, Video Reconstruction Filter with On-Board Charge Pump
logo
Intersil Corporation
ISL59834 INTERSIL-ISL59834 Datasheet
1Mb / 17P
   Quad Channel, Single Supply, Video Reconstruction Filter with On-Board Charge Pump
logo
Renesas Technology Corp
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
ISL59837IAZ INTERSIL-ISL59837IAZ Datasheet
341Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
March 5, 2007
ISL59837 INTERSIL-ISL59837 Datasheet
338Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com