Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28276 Arkusz danych(PDF) 10 Page - Intersil Corporation

Numer części ISL28276
Szczegółowy opis  Dual Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op-Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28276 Arkusz danych(HTML) 10 Page - Intersil Corporation

Back Button ISL28276 Datasheet HTML 4Page - Intersil Corporation ISL28276 Datasheet HTML 5Page - Intersil Corporation ISL28276 Datasheet HTML 6Page - Intersil Corporation ISL28276 Datasheet HTML 7Page - Intersil Corporation ISL28276 Datasheet HTML 8Page - Intersil Corporation ISL28276 Datasheet HTML 9Page - Intersil Corporation ISL28276 Datasheet HTML 10Page - Intersil Corporation ISL28276 Datasheet HTML 11Page - Intersil Corporation ISL28276 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6301.0
June 23, 2006
Pin Descriptions
Applications Information
Introduction
The ISL28276 is an enhanced rail-to-rail input micropower
precision operational amplifiers with an enable feature. The
part is designed to operate from single supply (2.4V to 5.0V)
or dual supply (
±1.2V to ±2.5V). The device is capable of
swinging 0.5V above a 5.0V supply (0.25V for a 2.4V supply)
and to within 10mV from ground. The ISL28276 maintains
CMRR performance for input voltages greater than the
positive supply. The output operation can swing within about
3mV of the supply rails with a 100k
Ω load (reference
Figures 29 through 32).
Rail-to-Rail Input
The input common-mode voltage range of the ISL28276
goes from negative supply to positive supply without
introducing additional offset errors or degrading performance
associated with a conventional rail-to-rail input operational
amplifier. Many rail-to-rail input stages use two differential
input pairs, a long-tail PNP (or PFET) and an NPN (or
NFET). Severe penalties have to be paid for this circuit
topology. As the input signal moves from one supply rail to
another, the operational amplifier switches from one input
pair to the other causing drastic changes in input offset
voltage and an undesired change in magnitude and polarity
of input offset current.
The ISL28276 achieves input rail-to-rail without sacrificing
important precision specifications and degrading distortion
performance. The devices’ input offset voltage exhibits a
smooth behavior throughout the entire common-mode input
range. The input bias current versus the common-mode
voltage range gives us an undistorted behavior from typically
10mV above the negative rail and 10% higher than the V+
rail (0.5V higher than V+ when V+ equals 5v).
ISL28276
(16 LD QSOP)
PIN NAME
EQUIVALENT
CIRCUIT
DESCRIPTION
1
NC
No internal connection
2
NC
No internal connection
3
OUT_A
Circuit 3
Amplifier A output
4
IN-_A
Circuit 1
Amplifier A inverting input
5
IN+_A
Circuit 1
Amplifier A non-inverting input
6EN_A
Circuit 2
Amplifier A enable pin internal pull-down; Logic “1” selects the disabled state; Logic “0” selects
the enabled state.
7
V-
Circuit 4
Negative power supply
8
NC
No internal connection
9
NC
No internal connection
10
NC
No internal connection
11
EN_B
Circuit 2
Amplifier B enable pin with internal pull-down; Logic “1” selects the disabled state; Logic “0”
selects the enabled state.
12
IN+_B
Circuit 1
Amplifier B non-inverting input
13
IN-_B
Circuit 1
Amplifier B inverting input
14
OUT_B
Circuit 3
Amplifier B output
15
V+
Circuit 4
Positive power supply
16
NC
No internal connection
IN-
V+
V-
LOGIC
PIN
V+
V-
V+
V-
OUT
CIRCUIT 3
CIRCUIT 1
CIRCUIT 2
IN+
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
CIRCUIT 4
ISL28276


Podobny numer części - ISL28276

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
ISL28276 INTERSIL-ISL28276 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28276FBZ INTERSIL-ISL28276FBZ Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28276FBZ RENESAS-ISL28276FBZ Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
logo
Intersil Corporation
ISL28276IAZ INTERSIL-ISL28276IAZ Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
More results

Podobny opis - ISL28276

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1466L LINER-LT1466L Datasheet
274Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Intersil Corporation
EL8178 INTERSIL-EL8178 Datasheet
641Kb / 8P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188_07 Datasheet
873Kb / 11P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
logo
Renesas Technology Corp
EL8188 RENESAS-EL8188 Datasheet
990Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
February 24, 2011
logo
Intersil Corporation
EL8176 INTERSIL-EL8176_06 Datasheet
476Kb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8188 INTERSIL-EL8188 Datasheet
590Kb / 14P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
EL8176 INTERSIL-EL8176 Datasheet
1Mb / 18P
   Micropower Single Supply Rail-to-Rail Input-Output Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com