Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL3173E Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części ISL3173E
Szczegółowy opis  짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3173E Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button ISL3173E Datasheet HTML 3Page - Intersil Corporation ISL3173E Datasheet HTML 4Page - Intersil Corporation ISL3173E Datasheet HTML 5Page - Intersil Corporation ISL3173E Datasheet HTML 6Page - Intersil Corporation ISL3173E Datasheet HTML 7Page - Intersil Corporation ISL3173E Datasheet HTML 8Page - Intersil Corporation ISL3173E Datasheet HTML 9Page - Intersil Corporation ISL3173E Datasheet HTML 10Page - Intersil Corporation ISL3173E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN6307.2
August 28, 2006
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 7, 12)
Full
-
100
350
ns
Driver Disable from Output High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Note 12)
Full
-
28
55
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Note 12)
Full
-
30
55
ns
Time to Shutdown
tSHDN
(Notes 9, 12)
Full
50
200
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 9, 10, 12)
Full
-
180
700
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 9, 10, 12)
Full
-
100
700
ns
DRIVER SWITCHING CHARACTERISTICS (ISL3176E, ISL3177E, ISL3178E, 20Mbps)
Maximum Data Rate
fMAX
VOD = ±1.5V, CD = 350pF (Figure 4, Note 16)
Full
20
28
-
Mbps
Driver Differential Output Delay
tDD
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
27
40
ns
Driver Differential Output Skew
tSKEW
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
1
3
ns
Driver Output Skew, Part-to-Part
ΔtDSKEW RDIFF = 54Ω, CD = 50pF (Figure 2, Note 13)
Full
-
-
11
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54Ω, CD = 50pF (Figure 2)
Full
-
9
15
ns
Driver Enable to Output High
tZH
RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 7, 12)
Full
-
17
50
ns
Driver Enable to Output Low
tZL
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 7, 12)
Full
-
16
40
ns
Driver Disable from Output High
tHZ
RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Note 12)
Full
-
25
40
ns
Driver Disable from Output Low
tLZ
RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Note 12)
Full
-
28
50
ns
Time to Shutdown
tSHDN
(Notes 9, 12)
Full
50
200
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500Ω, CL = 50pF, SW = GND (Figure 3),
(Notes 9, 10, 12)
Full
-
180
700
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500Ω, CL = 50pF, SW = VCC (Figure 3),
(Notes 9, 10, 12)
Full
-
90
700
ns
RECEIVER SWITCHING CHARACTERISTICS (All Versions)
Maximum Data Rate
fMAX
VID = ±1.5V (Note 16)
ISL3170E-75E
Full
12
20
-
Mbps
ISL3176E-78E
Full
20
35
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 5)
ISL3170E-75E
Full
25
70
120
ns
ISL3176E-78E
Full
25
33
60
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 5)
Full
-
1.5
4
ns
Receiver Skew, Part-to-Part
ΔtRSKEW (Figure 5, Note 13)
Full
-
-
15
ns
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF,
SW = GND (Figure 6),
(Notes 8, 12)
ISL3170E-75E
Full
5
15
20
ns
ISL3176E-78E
Full
5
11
17
ns
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF,
SW = VCC (Figure 6),
(Notes 8, 12)
ISL3170E-75E
Full
5
15
20
ns
ISL3176E-78E
Full
5
11
17
ns
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF,
SW = GND (Figure 6),
(Note 12)
ISL3170E-75E
Full
5
12
20
ns
ISL3176E-78E
Full
4
7
15
ns
Electrical Specifications
Test Conditions: VCC = 3.0V to 3.6V; Unless Otherwise Specified. Typicals are at VCC = 3.3V, TA = +25°C,
Note 4 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,ISL3176E, ISL3177E, ISL3178E


Podobny numer części - ISL3173E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL3173E INTERSIL-ISL3173E Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3173E INTERSIL-ISL3173E Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
ISL3173E INTERSIL-ISL3173E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3173E INTERSIL-ISL3173E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3173E INTERSIL-ISL3173E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

Podobny opis - ISL3173E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83080EIUZ-T INTERSIL-ISL83080EIUZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E_07 Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com