Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL59311IRZ-T13 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL59311IRZ-T13
Szczegółowy opis  Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59311IRZ-T13 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL59311IRZ-T13 Datasheet HTML 1Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 2Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59311IRZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
FN6372.2
April 4, 2007
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage (VCCA, VCCD) . . . . . . . . . . . . . . . . . . . . . . . . . +6.5V
Maximum Output Continuous Current . . . . . . . . . . . . . . . . . . ±70mA
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Input/Output Voltages
All signal (non-supply) pins . . . . . . . . . . . . -0.6V to VCCA + 0.6V
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3000V
Machine Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250V
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all
tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VCCA = VCCD = VCCS = +5V, GNDA = GNDD = 0V, TA = +25°C, VIN = 0V, RL = 200Ω, unless otherwise
specified.
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
Video Amplifier Electrical Characteristics
Output Voltage Range
1VCC -1
V
Output Impedance, Disabled
10
M
Ω
AC PERFORMANCE
Bandwidth, -3dB
AV = 2, VOUT = 200mV
650
MHz
VOUT = 2V
600
MHz
Differential Slew Rate,
VOUT = 2VP-P
1500
V/µs
Settling Time (0.1%, 2VP-P)
20
ns
Gain Bandwidth Product
1300
MHz
2nd Harmonic Distortion
20MHz, RL = 200Ω
-70
dBc
3rd Harmonic Distortion
20MHz, RL = 200Ω
-70
dBc
Hostile Crosstalk
75
dB
Differential Phase @100MHz
0.01
°
Differential Gain @100MHz
0.01
%
INPUT CHARACTERISTICS
Input Referred Offset Voltage
-10
±1
10
mV
Input Bias Current
26
12
µA
Differential Input Impedance
10
M
Ω
Differential Input Range
±0.75
V
Common Mode Input Voltage Range
-0.3
VCCA -2.6
V
Input Referred Noise
15
nV/
√Hz
CMRR
VCM = 0V to 2V
60
75
dB
OUTPUT CHARACTERISTICS
Output Peak Current
±40
±60
mA
Output Voltage Range
1VCC -1
V
DC PERFORMANCE
Voltage Gain
1.90
1.95
2.00
V/V
PSRR
Rejection of VCCA
60
75
dB
ISL59311


Podobny numer części - ISL59311IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59311IRZ-T13 INTERSIL-ISL59311IRZ-T13 Datasheet
388Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
ISL59311IRZ-T13 INTERSIL-ISL59311IRZ-T13 Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Renesas Technology Corp
ISL59311IRZ-T13 RENESAS-ISL59311IRZ-T13 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
More results

Podobny opis - ISL59311IRZ-T13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL59311IRZ INTERSIL-ISL59311IRZ Datasheet
391Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
ISL59311_0704 INTERSIL-ISL59311_0704 Datasheet
388Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
logo
Renesas Technology Corp
ISL59311 RENESAS-ISL59311 Datasheet
769Kb / 14P
   Differential Video Amplifier with Common Mode Sync Encoder and Serial Digital Interface
April 25, 2007
logo
Analog Devices
AD8134 AD-AD8134 Datasheet
458Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_15 Datasheet
455Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
REV. A
AD8134 AD-AD8134_16 Datasheet
443Kb / 20P
   Triple Differential Driver With Sync-On-Common-Mode
logo
Intersil Corporation
EL4543 INTERSIL-EL4543 Datasheet
844Kb / 16P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543_0709 INTERSIL-EL4543_0709 Datasheet
538Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
EL4543 INTERSIL-EL4543_07 Datasheet
525Kb / 17P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
logo
Renesas Technology Corp
EL4543 RENESAS-EL4543 Datasheet
1,001Kb / 18P
   Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com