Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL54058IRUZ-T Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL54058IRUZ-T
Szczegółowy opis  Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54058IRUZ-T Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL54058IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54058IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FN6380.0
September 29, 2006
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.7V
Input Voltages
Ax, Bx, ADDx (Note 2) . . . . . . . . . . . . . . . . . . -0.3 to (V+) + 0.3V
Output Voltages
COMx (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to (V+) + 0.3V
Continuous Current NO or COM . . . . . . . . . . . . . . . . . . . . .
±300mA
Peak Current NO or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±500mA
ESD Rating
HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >4kV
MM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300V
CDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1kV
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
µTQFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
93
Maximum Junction Temperature (Plastic Package) . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . -65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . +300°C
(Lead Tips Only)
Operating Conditions
Temperature Range
ISL54058IRUZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on Ax, Bx, COMx, ADDx exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications: 3V Supply
Test Conditions: VSUPPLY = +2.7V to +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V (Note 4,
8), Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 2.7V, ICOM = 100mA, VAx or VBx = 0V to V+
(See Figure 4)
25
-
0.43
0.75
Full
-
-
0.8
RON Matching Between Channels,
∆RON
V+ = 2.7V, ICOM = 100mA, VAx or VBx = Voltage at max
RON (Note 6)
25
-
0.09
0.2
Full
-
-
0.2
RON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 100mA, VAx or VBx = 0V t0 V+
(Note 7)
25
-
0.07
0.15
Full
-
-
0.15
Ax or Bx OFF Leakage Current,
IAx(OFF) or IBx(OFF)
V+ = 3.3V, VCOM = 0.3V, 3V, VAx or VBx = 3V, 0.3V
25
-4
-
4
nA
Full
-40
-
40
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 3.3V, VCOM = VAx or VBx = 0.3V, 3V
25
-8
-
8
nA
Full
-60
-
60
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH, VADDH
Full
1.4
-
-
V
Input Voltage Low, VINL, VADDL
Full
-
-
0.5
V
Input Current, IINH, IINL, IADDH,
IADDL
V+ = 3.3V, VINH = VADD = 0V or V+
Full
-0.5
-
0.5
µA
DYNAMIC CHARACTERISTICS
Address Transition Time, tTRANS
V+ = 2.7V, VAx or VBx = 1.5V, RL = 50Ω, CL = 35pF
(See Figure )
25
-
29
-
ns
Full
-
40
-
ns
Break-Before-Make Time, tBBM
V+ = 3.3V, VAx or VBx = 1.5V, RL = 50Ω, CL = 35pF
(See Figure 2)
25
-
4
-
ns
Full
-
1
-
ns
Ax or Bx OFF Capacitance, COFF
f = 1MHz, VAx or VBx = VCOM = 0V (See Figure 6)
25
-
44
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VAx or VBx = VCOM = 0V (See Figure 6)
25
-
201
-
pF
OFF Isolation
RL = 50Ω, CL = 35pF, f = 100kHz (See Figures 3 and 5)
25
-
65
-
dB
Crosstalk (Note 9)
25
-
-100
-
dB
ISL54058


Podobny numer części - ISL54058IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL54058IRUZ-T RENESAS-ISL54058IRUZ-T Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54058IRUZ-T INTERSIL-ISL54058IRUZ-T Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
More results

Podobny opis - ISL54058IRUZ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL43L840 INTERSIL-ISL43L840 Datasheet
334Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
ISL54058 INTERSIL-ISL54058_14 Datasheet
266Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage Single Supply, Dual 4 to 1 Analog Multiplexer
September 29, 2006
logo
Renesas Technology Corp
ISL43L840 RENESAS-ISL43L840 Datasheet
572Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L840IV INTERSIL-ISL43L840IV Datasheet
348Kb / 11P
   Ultra Low ON-Resistance, Low-Voltage,Single Supply, Dual 4 to 1 Analog Multiplexer
October 12, 2004
logo
Renesas Technology Corp
ISL54058 RENESAS-ISL54058 Datasheet
492Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Dual 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL54057 INTERSIL-ISL54057 Datasheet
264Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL43L841 RENESAS-ISL43L841 Datasheet
623Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
ISL84782 RENESAS-ISL84782 Datasheet
628Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Intersil Corporation
ISL43L841 INTERSIL-ISL43L841 Datasheet
307Kb / 12P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
logo
Renesas Technology Corp
ISL54057 RENESAS-ISL54057 Datasheet
513Kb / 10P
   Ultra Low ON-Resistance, Low-Voltage, Single Supply, Differential 4 to 1 Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com