Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28272 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL28272
Szczegółowy opis  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28272 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL28272 Datasheet HTML 1Page - Intersil Corporation ISL28272 Datasheet HTML 2Page - Intersil Corporation ISL28272 Datasheet HTML 3Page - Intersil Corporation ISL28272 Datasheet HTML 4Page - Intersil Corporation ISL28272 Datasheet HTML 5Page - Intersil Corporation ISL28272 Datasheet HTML 6Page - Intersil Corporation ISL28272 Datasheet HTML 7Page - Intersil Corporation ISL28272 Datasheet HTML 8Page - Intersil Corporation ISL28272 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
FN6390.0
December 8, 2006
VOUT
Maximum Voltage Swing
Output low, RL = 100kΩ
36
30
mV
Output low, RL = 1kΩ
130
175
225
mV
Output high, RL = 100kΩ
4.980
4.980
4.99
V
Output high, RL = 1kΩ
4.85
4.80
4.88
V
SR
Slew Rate
RL = 1kΩ to GND
0.4
0.35
0.5
0.7
0.75
V/µs
-3db BW
-3dB Bandwidth
RL = 10kΩ
ISL28271
180
kHz
ISL28272
100
kHz
IS,EN
Supply Current, Enabled
Both A and B channels enabled, EN = V-
120
156
200
µA
IS,DIS
Supply Current, Disabled
Both A and B channels disabled, EN =V+
4
7
9
µA
VINH
EN Enable Pin High Level
2
V
VINL
EN Enable Pin Low Level
0.8
V
IENH
EN Input Current High
EN = V+
0.8
1
1.3
µA
IENL
EN Input Current Low
EN = V-
26
50
100
nA
V+
Minimum Supply Voltage
2.4
V
ISC+
Short Circuit Output Current
V+ = 5V, RL = 10Ω
28
25
31
mA
ISC-
Short Circuit Output Current
V+ = 5V, RL = 10Ω
24
20
26
mA
Electrical Specifications
V+ = +5V, V- = GND, VFB+ = 1/2V+, TA = +25°C, unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
ISL28271, ISL28272


Podobny numer części - ISL28272

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28272 INTERSIL-ISL28272 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28272 INTERSIL-ISL28272 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL28272FAZ INTERSIL-ISL28272FAZ Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28272FAZ RENESAS-ISL28272FAZ Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28272INEVAL1Z INTERSIL-ISL28272INEVAL1Z Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Podobny opis - ISL28272

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271_07 Datasheet
687Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com